Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237 Datasheet (PDF) - STMicroelectronics

ST3237 Datasheet PDF - STMicroelectronics
Part # ST3237
Download  ST3237 Download
File Size   247.65 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY

ST3237 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3237 Datasheet PDF - STMicroelectronics

Part # ST3237
Download  ST3237 Click to download

File Size   247.65 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY

ST3237 Datasheet (HTML) - STMicroelectronics


ST3237 Product details

DESCRIPTION
The ST3237 is a 3V to 5.5V powered EIA/TIA-232 and V.28/V.24 communication interfaces high data-rate capabilities. ST3237 is a transceiver (5 drivers, 3 receivers) for fast modem applications.

■ 1µA LOW POWER SHUTDOWN WITH RECEIVERS ACTIVE
■ GUARENTEED DATA RATE 250Kbps (Normal Operation) 1Mbps (Very High Speed Operation)
■ GUARANTEED SLEW RATE RANGE 6V/µs (Normal Operation) 24V/µs (Very High Speed Operation)
■ 0.1µF EXTERNAL CAPACITORS
■ FLOW-THROUGH PINOUT
■ 500µA LOW SUPPLY CURRENT
■ MEET EIA/TIA-232 SPECIFICATIONS DOWN TO 3V
■ AVAILABLE IN SO-28, SSOP-28 AND TSSOP28




Similar Part No. - ST3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237E STMICROELECTRONICS-ST3237E Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3237EBD STMICROELECTRONICS-ST3237EBD Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
More results


Similar Description - ST3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
June 2000
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
logo
Maxim Integrated Produc...
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com