Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST3237
Description  3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST3237 Datasheet HTML 3Page - STMicroelectronics ST3237 Datasheet HTML 4Page - STMicroelectronics ST3237 Datasheet HTML 5Page - STMicroelectronics ST3237 Datasheet HTML 6Page - STMicroelectronics ST3237 Datasheet HTML 7Page - STMicroelectronics ST3237 Datasheet HTML 8Page - STMicroelectronics ST3237 Datasheet HTML 9Page - STMicroelectronics ST3237 Datasheet HTML 10Page - STMicroelectronics ST3237 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
ST3237
Electrical characteristics
7/15
Note:
Transmitter Skew is measured at the transmitter zero cross points
Table 6.
Receiver (C1 - C4 = 0.1µF tested at 3.3V±10%, VCC = 3V to 5.5V, TA = -40 to 85°C, unless
otherwise specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage
operating range
-25
25
V
VRIL
RS-232 input threshold
low
TA = 25°C, VCC = 3.3V
TA = 25°C, VCC = 5V
0.6
0.8
1.2
1.5
V
V
VRIH
RS-232 input threshold
high
TA = 25°C, VCC = 3.3V
TA = 25°C, VCC = 5V
1.5
1.8
2.4
2.4
V
V
VRIHYS
Input hysteresis
0.3
V
RRIN
Input resistance
TA = 25°C
3
5
7
K
Table 7.
Timing characteristics (C1 - C4 = 0.1mF tested at 3.3V±10%, VCC = 3V to 5.5V, TA = -40
to 85°C, unless otherwise specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Maximum data rate
RL = 3KΩCL= 1000pF
one transmitter switching, VHSCI=GND
250
Kbps
RL = 3KΩCL= 250pF
one transmitter switching, VHSCI=VCC
VCC= 3 to 5.55V
1000
Kbps
tPHLR
tPLHR
Propagation delay input to
output
RIN to ROUT, CL = 150pF
0.15
µs
tT_SKEW
Transmitter skew
|tPHL - tTLH|, VHSCI=GND
100
ns
|tPHL - tTLH|, VHSCI=VCC
60
ns
tR_SKEW
Receiver skew
|tPHL - tTLH|50
ns
tOER
Receiver output enable
time
Normal operation
80
ns
tODR
Receiver output disable
time
Normal operation
130
ns
SRT
Transition slew rate
TA = 25°C RL = 3 to 7KΩ
VCC =
3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF, VHSCI=GND
CL = 150pF to 1000pF, VHSCI=VCC
CL = 150pF to 2500pF, VHSCI=GND
6
24
4
30
150
30
V/
µs
V/
µs
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com