Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3237
Description  3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237 Datasheet(HTML) 1 Page - STMicroelectronics

  ST3237 Datasheet HTML 1Page - STMicroelectronics ST3237 Datasheet HTML 2Page - STMicroelectronics ST3237 Datasheet HTML 3Page - STMicroelectronics ST3237 Datasheet HTML 4Page - STMicroelectronics ST3237 Datasheet HTML 5Page - STMicroelectronics ST3237 Datasheet HTML 6Page - STMicroelectronics ST3237 Datasheet HTML 7Page - STMicroelectronics ST3237 Datasheet HTML 8Page - STMicroelectronics ST3237 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
January 2007
Rev 8
1/15
15
ST3237
3 to 5.5V, 250Kbps, RS-232
Transceiver with stand-by
Feature summary
1µA low power shutdown with receivers active
Guaranteed data rate
– 250Kbps (normal operation)
– 1Mbps (very high speed operation)
Guaranteed slew rate range
– 6V/µs (normal operation)
– 24V/µs (very high speed operation)
0.1µF external capacitors
Flow-through pinout
500uA low supply current
Meet EIA/TIA-232 specifications down to 3V
Available in SSOP-28
Description
The ST3237 is a 3V to 5.5V powered EIA/TIA-232
and V.28/V.24 communication interfaces high
data-rate capabilities. ST3237 is a transceiver (5
drivers, 3 receivers) for fast modem applications.
The device has a proprietary low-dropout
transmitter output stage providing true RS-232
performance from a 3V to 5.5V supply using a
dual charge pump. The device is guaranteed to
run at data rates of 250Kbps in the normal
operation mode and 1Mbps in the very high
speed operation mode while maintaining RS-232
output levels.
SSOP
www.st.com
Order codes
Part number
Temperature
range
Package
Packaging
ST3237BPR
-40 to 85 °C
SSOP-28 (Tape & Reel)
1350 parts per reel


Similar Part No. - ST3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237E STMICROELECTRONICS-ST3237E Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3237EBD STMICROELECTRONICS-ST3237EBD Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
More results

Similar Description - ST3237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
600Kb / 15P
®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
21-Mar-2005
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
June 2000
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3243 STMICROELECTRONICS-ST3243_04 Datasheet
255Kb / 14P
3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
Jan-2004
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
logo
Maxim Integrated Produc...
MAX3238CAI-T MAXIM-MAX3238CAI-T Datasheet
207Kb / 12P
3.0V to 5.5V, 1μA, up to 250kbps, True RS-232 Transceiver with AutoShutdown Plus
Rev 1; 10/02
logo
AiT Semiconductor Inc.
A3232 AITSEMI-A3232 Datasheet
455Kb / 8P
A3232INTERFACE 3V TO 5.5V, 250kbps RS-232 TRANSCEIVERS
REV1.0 - JULY 2022
logo
3PEAK INC.
TPT3232E 3PEAK-TPT3232E Datasheet
585Kb / 10P
3V to 5.5V, 250kbps RS-232 Transceivers
Rev. B.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com