Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237E Datasheet (PDF) - STMicroelectronics

ST3237E Datasheet PDF - STMicroelectronics
Part # ST3237E
Download  ST3237E Download
File Size   600.55 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY

ST3237E Datasheet (PDF)

Go To PDF Page Download Datasheet
ST3237E Datasheet PDF - STMicroelectronics

Part # ST3237E
Download  ST3237E Click to download

File Size   600.55 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description ®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY

ST3237E Datasheet (HTML) - STMicroelectronics


ST3237E Product details

DESCRIPTION
The ST3237E is a 3V to 5.5V powered EIA/TIA-232 and V.28/V.24 communication interfaces high data-rate capability and enhanced electrostatic discharge (ESD) protection at ±8KV using IEC1000-4-2 contact discharge and ±15kV using Human Body Model (HBM). The other pins are protected with standard ESD protection at ±2kV using HBM method. The ST3237C is a transceiver (5 drivers, 3 receivers) for fast modem applications.
   
■ EDS PROTECTION FOR RS-232 I/O PINS:
    ±15KV HUMAN BODY MODEL
    ±8KV IEC 1000-4-2 CONTACT DISCHARGE
■ 1µA LOW POWER SHUTDOWN WITH
    RECEIVERS ACTIVE
■ GUARENTEED DATA RATE
    250Kbps (Normal Operation)
    1Mbps (Very High Speed Operation)
■ GUARANTEED SLEW RATE RANGE
    6V/µs (Normal Operation)
    24V/µs (Very High Speed Operation)
■ 0.1µF EXTERNAL CAPACITORS
■ FLOW-THROUGH PINOUT
■ AVAILABLE IN SO-28, SSOP-28 AND
    TSSOP28
■ LOW SUPPLY CURRENT 300µA
   




Similar Part No. - ST3237E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
769Kb / 18P
± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
13-Nov-2007
ST3237EBPR STMICROELECTRONICS-ST3237EBPR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
ST3237EBPR STMICROELECTRONICS-ST3237EBPR Datasheet
769Kb / 18P
± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
13-Nov-2007
More results


Similar Description - ST3237E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237 STMICROELECTRONICS-ST3237 Datasheet
247Kb / 15P
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
16-Jan-2007
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
logo
Intersil Corporation
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com