Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237E Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST3237E
Description  ®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237E Datasheet(HTML) 1 Page - STMicroelectronics

  ST3237E Datasheet HTML 1Page - STMicroelectronics ST3237E Datasheet HTML 2Page - STMicroelectronics ST3237E Datasheet HTML 3Page - STMicroelectronics ST3237E Datasheet HTML 4Page - STMicroelectronics ST3237E Datasheet HTML 5Page - STMicroelectronics ST3237E Datasheet HTML 6Page - STMicroelectronics ST3237E Datasheet HTML 7Page - STMicroelectronics ST3237E Datasheet HTML 8Page - STMicroelectronics ST3237E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
March 2005
I
EDS PROTECTION FOR RS-232 I/O PINS:
±15KV HUMAN BODY MODEL
±8KV IEC 1000-4-2 CONTACT DISCHARGE
I
1
µA LOW POWER SHUTDOWN WITH
RECEIVERS ACTIVE
I
GUARENTEED DATA RATE
250Kbps (Normal Operation)
1Mbps (Very High Speed Operation)
I
GUARANTEED SLEW RATE RANGE
6V/
µs (Normal Operation)
24V/
µs (Very High Speed Operation)
I
0.1
µF EXTERNAL CAPACITORS
I
FLOW-THROUGH PINOUT
I
AVAILABLE IN SO-28 AND SSOP-28
I
LOW SUPPLY CURRENT 300
µA
DESCRIPTION
The ST3237E is a 3V to 5.5V powered EIA/
TIA-232 and V.28/V.24 communication interfaces
high
data-rate
capability
and
enhanced
electrostatic discharge (ESD) protection at ±8KV
using IEC1000-4-2 contact discharge and ±15kV
using Human Body Model (HBM). The other pins
are protected with standard ESD protection at
±2kV using HBM method. The ST3237C is a
transceiver (5 drivers, 3 receivers) for fast modem
applications.
The
device
has
a
proprietary
low-dropout
transmitter output stage providing true RS-232
performance from a 3V to 5.5V supply using a
dual charge pump. The device is guaranteed to
run at data rates of 250Kbps in the normal
operation mode and 1Mbps in the very high speed
operation mode while maintaining RS-232 output
levels.
Table 1: Order Codes
Type
Temperature
Range
Package
Comments
ST3237ECD
0 to 70 °C
SO-28 (Tube)
27parts per tube / 12tube per box
ST3237EBD
-40 to 85 °C
SO-28 (Tube)
27parts per tube / 12tube per box
ST3237ECDR
0 to 70 °C
SO-28 (Tape & Reel)
1000 parts per reel
ST3237EBDR
-40 to 85 °C
SO-28 (Tape & Reel)
1000 parts per reel
ST3237ECPR
0 to 70 °C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3237EBPR
-40 to 85 °C
SSOP-28 (Tape & Reel)
1350 parts per reel
ST3237E
±15KV ESD-PROTECTED, 1
µA, 3 TO 5.5V, 250KBPS,
RS-232 TRANSCEIVER WITH STAND-BY
SSOP
SOP
Rev. 5


Similar Part No. - ST3237E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
ST3237EBDR STMICROELECTRONICS-ST3237EBDR Datasheet
769Kb / 18P
± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
13-Nov-2007
ST3237EBPR STMICROELECTRONICS-ST3237EBPR Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
ST3237EBPR STMICROELECTRONICS-ST3237EBPR Datasheet
769Kb / 18P
± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
13-Nov-2007
More results

Similar Description - ST3237E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3237 STMICROELECTRONICS-ST3237 Datasheet
247Kb / 15P
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
16-Jan-2007
ST3384E STMICROELECTRONICS-ST3384E Datasheet
227Kb / 11P
±15KV ESD-PROTECTED, 3 TO 5.5V, LOW POWER, UP TO 250KBPS, RS-232 TRANSCEIVER
July 2003
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E Datasheet
153Kb / 16P
±15kV ESD-Protected, 1μA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 2; 1/98
MAX338 MAXIM-MAX338 Datasheet
182Kb / 12P
짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
19-1437; Rev 1; 10/99
logo
STMicroelectronics
8785 STMICROELECTRONICS-8785 Datasheet
317Kb / 13P
짹15KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
Jan-2003
logo
Intersil Corporation
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
-15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
July 2004
logo
STMicroelectronics
ST3237E STMICROELECTRONICS-ST3237E_06 Datasheet
295Kb / 17P
± 15KV ESD-protected, 1μA, 3 to 5.5V, 250Kbps RS-232 Transceiver with stand-by
24-Mar-2006
logo
Intersil Corporation
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
May 13, 2010
logo
Maxim Integrated Produc...
MAX3221E MAXIM-MAX3221E_11 Datasheet
692Kb / 19P
15kV ESD-Protected, 1uA, 3.0V to 5.5V, 250kbps, RS-232 Transceivers with AutoShutdown
Rev 7; 8/11
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com