Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237E Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3237E
Description  ®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237E Datasheet(HTML) 4 Page - STMicroelectronics

  ST3237E Datasheet HTML 1Page - STMicroelectronics ST3237E Datasheet HTML 2Page - STMicroelectronics ST3237E Datasheet HTML 3Page - STMicroelectronics ST3237E Datasheet HTML 4Page - STMicroelectronics ST3237E Datasheet HTML 5Page - STMicroelectronics ST3237E Datasheet HTML 6Page - STMicroelectronics ST3237E Datasheet HTML 7Page - STMicroelectronics ST3237E Datasheet HTML 8Page - STMicroelectronics ST3237E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ST3237E
4/15
Table 6: Electrical Characteristics
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Table 7: Logic Input Electrical Characteristics
(C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Note 1: Transmitter input hysteresis is typically 250mV
Table 8: Transmitter Electrical Characteristics
(C1 - C4 = 0.1µF tested at 3.3V±10%, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Table 9: Receiver Electrical Characteristics
(C1 - C4 = 0.1µF tested at 3.3V±10%, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISUPPLY VCC Power Supply Current SHDN=VCC
No Load
0.3
1
mA
ISHDN
Shutdown Supply Current
SHDN=GNDVT_IN=GND or VCC
15
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTIL
Input Logic Threshold Low
(Note 1)
T-IN, VHSCI, EN, SHDN
0.8
V
VTIH
Input Logic Threshold High
T-IN, VHSCI, EN, SHDN
VCC = 3.3V
2
V
VCC = 5V
2.4
IIL
Input Leakage Current
T-IN, VHSCI, EN, SHDN
± 1.0
µA
VHYS
Transmitter Input
Hysteresis
0.25
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTOUT Output Voltage Swing
All Transmitter outputs are loaded with
3K
Ω to GND
± 5
± 5.4
V
RTOUT Transmitter Output Resistance VCC = 0V
VOUT = ± 2V
300
10M
ISC
Output Short Circuit Current
± 60
mA
ITOL
Output Leakage Current
VCC = 0V or 3.3V to 5.5V VOUT = ± 12V
Transmitters Disable
± 25
µA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOL
Output Leakage Current
Receiver Disabled
EN = VCC
± 0.05
± 10
µA
VOL
Output Voltage Low
IOUT = 1mA
0.4
V
VOH
Output Voltage High
IOUT = -1mA
VCC-0.
6
VCC-0.1
V
VRIN
Receiver Input Voltage
Operating Range
-25
25
V
VRIL
RS-232 Input Threshold
Low
TA = 25°C VCC = 3.3V
0.6
1.1
V
TA = 25°C VCC = 5V
0.8
1.5
VRIH
RS-232 Input Threshold
High
TA = 25°C VCC = 3.3V
1.5
2.4
V
TA = 25°C VCC = 5V
1.2
2.4
VRIHYS Input Hysteresis
0.3
V
RRIN
Input Resistance
TA = 25°C
3
5
7
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com