Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237E Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST3237E
Description  ®5KV ESD-PROTECTED, 1mA, 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237E Datasheet(HTML) 5 Page - STMicroelectronics

  ST3237E Datasheet HTML 1Page - STMicroelectronics ST3237E Datasheet HTML 2Page - STMicroelectronics ST3237E Datasheet HTML 3Page - STMicroelectronics ST3237E Datasheet HTML 4Page - STMicroelectronics ST3237E Datasheet HTML 5Page - STMicroelectronics ST3237E Datasheet HTML 6Page - STMicroelectronics ST3237E Datasheet HTML 7Page - STMicroelectronics ST3237E Datasheet HTML 8Page - STMicroelectronics ST3237E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ST3237E
5/15
Table 10: Timing Characteristics
(C1 - C4 = 0.1µF tested at 3.3V±10%, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise specified.
Typical values are referred to TA = 25°C)
Transmitter Skew is measured at the transmitter zero cross points
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DR
Maximum Data Rate
RL = 3KΩ CL= 1000pF
one transmitter switching
VHSCI=GND
250
Kbps
RL = 3KΩ CL= 250pF
one transmitter switching
VHSCI=VCC
VCC= 3 to 4.5V
1000
Kbps
RL = 3KΩ CL= 1000pF
one transmitter switching
VHSCI=VCC
VCC= 4.5 to 5.5V
1000
Kbps
tPHLR
tPLHR
Propagation Delay Input to
Output
RIN to ROUT
CL = 150pF
0.15
µs
tPHLR
tPLHR
Propagation Delay Input to
Output
RL = 3kΩ
CL = 1000pF
VHSCI=VCC
VHSCI=GND
400
1000
ns
ns
tT_SKEW Transmitter Skew
|tPHL - tTLH|
VHSCI=GND
300
ns
|tPHL - tTLH|
VHSCI=VCC
50
ns
tR_SKEW Receiver Skew
|tPHL - tTLH|
100
ns
tOER
Receiver Output Enable
Time
Normal Operation
50
ns
tODR
Receiver Output Disable
Time
Normal Operation
120
ns
SRT
Transition Slew Rate
TA = 25°C RL = 3 to 7KΩ
VCC = 3.3V
measured from +3V to -3V or -3V to +3V
CL = 150pF to 1000pF
VHSCI=GND
CL = 150pF to 1000pF
VHSCI=VCC
CL = 150pF to 2500pF
VHSCI=GND
6
24
4
30
150
30
V/
µs
V/
µs
V/
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com