Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST3237
Description  3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237 Datasheet(HTML) 3 Page - STMicroelectronics

  ST3237 Datasheet HTML 1Page - STMicroelectronics ST3237 Datasheet HTML 2Page - STMicroelectronics ST3237 Datasheet HTML 3Page - STMicroelectronics ST3237 Datasheet HTML 4Page - STMicroelectronics ST3237 Datasheet HTML 5Page - STMicroelectronics ST3237 Datasheet HTML 6Page - STMicroelectronics ST3237 Datasheet HTML 7Page - STMicroelectronics ST3237 Datasheet HTML 8Page - STMicroelectronics ST3237 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ST3237
Pin configuration
3/15
1
Pin configuration
Figure 1.
Pin description
Table 1.
Pin description
PlN N°
SYMBOL
NAME AND FUNCTION
1C2+
Positive Terminal of Inverting Charge Pump Capacitor
2
GND
Ground
3C2-
Negative Terminal of Inverting Charge Pump Capacitor
4
V-
5.5V Generated by the Charge Pump
5T1OUT
First Transmitter Output Voltage
6T2OUT
Second Transmitter Output Voltage
7T3OUT
Third Transmitter Output Voltage
8R1IN
First Receiver Input Voltage
9R2IN
Second Receiver Input Voltage
10
T4OUT
Fourth Transmitter Output Voltage
11
R3IN
Third Receiver Input Voltage
12
T5OUT
Fifth Transmitter Output Voltage
13
EN
Receiver Enable, Active Low
14
SHDN
Shutdown Control, Active Low
15
VHSCI
Very High Speed Control Input. Connect to GND for normal
operation; connect to VCC for 1Mbps transmission rates.
16
R1OUTB
Non Inverting Complementary Receiver Output. Always Active.
17
T5IN
Fifth Transmitter Input Voltage
18
R3OUT
Third Receiver Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com