Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST3237
Description  3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST3237 Datasheet HTML 2Page - STMicroelectronics ST3237 Datasheet HTML 3Page - STMicroelectronics ST3237 Datasheet HTML 4Page - STMicroelectronics ST3237 Datasheet HTML 5Page - STMicroelectronics ST3237 Datasheet HTML 6Page - STMicroelectronics ST3237 Datasheet HTML 7Page - STMicroelectronics ST3237 Datasheet HTML 8Page - STMicroelectronics ST3237 Datasheet HTML 9Page - STMicroelectronics ST3237 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
ST3237
6/15
3
Electrical characteristics
Table 3.
Electrical characteristics (C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless
otherwise specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISUPPLY
VCC power supply current
No load
VCC = 3V or 5.0V TA =
25°C
0.5
2
mA
ISHDN
Shutdown supply current
SHDN=GNDTA = 25°C
1
10
µA
Table 4.
Logic input (C1 - C4 = 0.1µF, VCC = 3V to 5.5V, TA = -40 to 85°C, unless otherwise
specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VTIL
Input logic threshold low
(1)
T-IN, VHSCI, EN, SHDN
0.8
V
VTIH
Input logic threshold high
(1)
VCC = 3.3V
VCC = 5V
2
2.4
V
V
IIL
Input leakage current
T-IN, VHSCI, EN, SHDN
± 0.01
± 1.0
µA
IOL
Output leakage current
Receiver disabled
± 0.05
± 10
µA
VOL
Output voltage low
IOUT = 1.6mA
0.4
V
VOH
Output voltage high
IOUT = -1mA
VCC-
0.6
VCC-
0.1
V
1.
Transmitter input hysteresis is typically 250mV
Table 5.
Transmitter (C1 - C4 = 0.1µF tested at 3.3V±10%, VCC = 3V to 5.5V, TA = -40 to 85°C,
unless otherwise specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All transmitter outputs are loaded with
3K
Ω to GND
± 5
± 5.4
V
RTOUT
Transmitter output
resistance
VCC = V+ = V- = 0VVOUT = ± 2V
3000
W
ISC
Output short circuit
current
± 25
± 60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com