Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R3-80SSF Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PSMN2R3-80SSF
Description  NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R3-80SSF Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R3-80SSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Nexperia
PSMN2R3-80SSF
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
aaa-035324
0
1
2
3
4
0
100
200
300
400
VDS (V)
ID
ID
(A)
(A)
4.5 V
4.5 V
5 V
5 V
VGS = 5.5 V
VGS = 5.5 V
6 V
6 V
6.5 V
6.5 V
10 V
10 V
Tj = 25 °C
Fig. 8. Output characteristics; drain current as a
function of drain-source voltage; typical values
aaa-035325
0
4
8
12
16
20
0
2
4
6
8
VGS (V)
RDSon
RDSon
(mΩ)
(mΩ)
Tj = 25 °C; ID = 25 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values
aaa-035326
0
1
2
3
4
5
6
7
8
0
100
200
300
400
VGS (V)
ID
ID
(A)
(A)
Tj = 25°C
Tj = 25°C
175°C
175°C
VDS = 8 V
Fig. 10. Transfer characteristics; drain current as a
function of gate-source voltage; typical values
aaa-011501
0
1
2
3
4
5
10-6
10-5
10-4
10-3
10-2
10-1
VGS (V)
ID
ID
(A)
(A)
Tj = 25 °C; VDS = 5 V
Fig. 11. Sub-threshold drain current as a function of
gate-source voltage
PSMN2R3-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Preliminary data sheet
22 August 2022
7 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com