Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R3-80SSF Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PSMN2R3-80SSF
Description  NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R3-80SSF Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PSMN2R3-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 10Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 11Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 12Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Nexperia
PSMN2R3-80SSF
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
Contents
1. General description......................................................1
2. Features and benefits.................................................. 1
3. Applications.................................................................. 1
4. Quick reference data....................................................1
5. Pinning information......................................................2
6. Ordering information....................................................2
7. Marking..........................................................................2
8. Limiting values............................................................. 2
9. Thermal characteristics............................................... 4
10. Characteristics............................................................5
11. Package outline........................................................ 10
12. Soldering................................................................... 11
13. Legal information......................................................12
© Nexperia B.V. 2022. All rights reserved
For more information, please visit: http://www.nexperia.com
For sales office addresses, please send an email to: salesaddresses@nexperia.com
Date of release: 22 August 2022
PSMN2R3-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Preliminary data sheet
22 August 2022
13 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com