Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSMN2R3-80SSF Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PSMN2R3-80SSF
Description  NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PSMN2R3-80SSF Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PSMN2R3-80SSF Datasheet HTML 1Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 2Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 3Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 4Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 5Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 6Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 7Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 8Page - Nexperia B.V. All rights reserved PSMN2R3-80SSF Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nexperia
PSMN2R3-80SSF
NextPower 80 V, 2.3 mOhm, 240 Amp, N-channel MOSFET in LFPAK88 package
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Source-drain diode
Qr
recovered charge
IS = 25 A; dIS/dt = -100 A/µs; VGS = 0 V;
VDS = 40 V; Fig. 18
-
47
-
nC
[1] Protected by 100% test
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
2
S
Source
3
S
Source
4
S
Source
mb
D
mounting base; connected
to drain
1
2
3
4
LFPAK88 (SOT1235)
S
D
G
mbb076
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PSMN2R3-80SSF
LFPAK88
plastic, single-ended surface-mounted package
(LFPAK88); 4 leads; 2 mm pitch; 8 mm x 8 mm x 1.6 mm
body
SOT1235
7. Marking
Table 4. Marking codes
Type number
Marking code
PSMN2R3-80SSF
X2F3S80S
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25 °C ≤ Tj ≤ 175 °C
-
80
V
VDGR
drain-gate voltage
25 °C ≤ Tj ≤ 175 °C; RGS = 20 kΩ
-
80
V
VGS
gate-source voltage
-20
20
V
Ptot
total power dissipation
Tmb = 25 °C; Fig. 1
-
341
W
VGS = 10 V; Tmb = 25 °C; Fig. 2
-
240
A
ID
drain current
VGS = 10 V; Tmb = 100 °C; Fig. 2
-
183
A
IDM
peak drain current
pulsed; tp ≤ 10 µs; Tmb = 25 °C; Fig. 3
-
1038
A
Tstg
storage temperature
-55
175
°C
PSMN2R3-80SSF
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Preliminary data sheet
22 August 2022
2 / 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com