Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1025WS Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation RT1025WS Datasheet HTML 10Page - Richtek Technology Corporation RT1025WS Datasheet HTML 11Page - Richtek Technology Corporation RT1025WS Datasheet HTML 12Page - Richtek Technology Corporation RT1025WS Datasheet HTML 13Page - Richtek Technology Corporation RT1025WS Datasheet HTML 14Page - Richtek Technology Corporation RT1025WS Datasheet HTML 15Page - Richtek Technology Corporation RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation RT1025WS Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS1025-01
July
2022
www.richtek.com
13
Read Function
■ Reading One Indexed Byte of Data from RT (With 1-Byte)
■ Reading n Indexed Words of Data from RT (With N-Byte)
Write Function
■ Writing One Indexed Byte of Data to RT (With 1-Byte)
■ Writing n Indexed Words of Data to RT (With N-Byte)
S
Slave Address
0
A
Register Address
A
Data Byte
A
Data Byte
A
P
Acknowledge from RT
Acknowledge from RT
Acknowledge from RT
Acknowledge from RT
A
Acknowledge from RT
R/W
(n-1)th Byte
nth Byte
Data Byte
1st Byte
A
Acknowledge from RT
Data Byte
2nd Byte
…
S
Slave Address
0
A
Register Address
A
Data Byte
A
P
R/W
Acknowledge from RT
Acknowledge from RT
Acknowledge from RT
1Byte
S
Slave Address
0
A
Register Address
A
Data Byte
A
Data Byte
A
P
Acknowledge from RT
Acknowledge from RT
Acknowledge from Master
Acknowledge from Master
Sr
Slave Address
1
A
Acknowledge from RT
Repeated Start
Data Byte
A
Data Byte
A
Acknowledge from Master
Acknowledge from Master
……
R/W
R/W
1st Byte
2nd Byte
(n-1)th Byte
nth Byte
S
Slave Address
0
A
Register Address
A
Data Byte
A
P
R/W
Acknowledge from RT
Acknowledge from RT
Acknowledge from Master
Sr
Slave Address
1
A
Acknowledge from RT
Repeated Start
R/W
1Byte
SPI Interface
The general protocol for the SPI interface is shown in
the figures below. The falling edge of CSN initiates the
start of the SPI bus cycle. The first byte of the
transaction is the command/address byte. When the
SPI master is writing data, data may change when the
clock is low, and must be stable on the clock rising
edge. Similarly, output data written to the SPI master is
shifted out on the falling edge of clock and can be
latched by the master on the rising edge of the clock.
The SPI slave controller data format is LSBF (least
significant bit first). The setup/hold/idle time should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com