Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1025WS Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT1025WS Datasheet HTML 16Page - Richtek Technology Corporation RT1025WS Datasheet HTML 17Page - Richtek Technology Corporation RT1025WS Datasheet HTML 18Page - Richtek Technology Corporation RT1025WS Datasheet HTML 19Page - Richtek Technology Corporation RT1025WS Datasheet HTML 20Page - Richtek Technology Corporation RT1025WS Datasheet HTML 21Page - Richtek Technology Corporation RT1025WS Datasheet HTML 22Page - Richtek Technology Corporation RT1025WS Datasheet HTML 23Page - Richtek Technology Corporation RT1025WS Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
DS1025-01
July
2022
www.richtek.com
21
The ECG channel outputs 24 bits of data per channel in
binary twos complement format, MSB first. Bit [23] is
sign bit. A positive full-scale input produces an output
code of 7FFFFFh and the negative full-scale input
produces an output code of 800000h. The output clips
at these codes for signals exceeding full-scale. All 24
bits toggle when the analog input is at positive or
negative full-scale.
ECG
(mV)=ECGACDOutputcode×LSB×1000
ECG Gain
=
ECGACD Outputcode ×
4V
2
23 × 1000
ECG Gain
Heartbeat Interval (HBI) Estimation
The RT1025 has a built-in heartbeat interval (HBI)
detector to reduce power consumption of hear-beat
detection. When the signal quality of PPG is good
enough, the BI detector is able to approximate
wavelength of major tone. Instead of complete PPG
signals, only beat time intervals are recorded in SRAM.
The MCU is freed from estimating heart rate; as a
result the amount of data read from the RT1025 SRAM
via I2C/SPI is reduced significantly.
PPG
Average
Reg_HBI
Decision
(Beat Position)
HBI
SRAM
PPG Digital
HBI Digital
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding
airflow, and the difference between the junction and
ambient
temperatures.
The
maximum
power
dissipation can be calculated using the following
formula :
PD(MAX) = (TJ(MAX) - TA) /
θJA
where TJ(MAX) is the maximum junction temperature,
TA is the ambient temperature, and
θJA is the
junction-to-ambient thermal resistance.
For continuous operation, the maximum operating
junction temperature indicated under Recommended
Operating
Conditions
is
125°C.
The
junction-to-ambient thermal resistance,
θJA, is highly
package dependent. For a WL-CSP-41B 3.10x3.48
(BS) package, the thermal resistance,
θJA, is 3.75°C/W
on
a
standard
JEDEC
51-7
high
effective-thermal-conductivity four-layer test board. The
maximum power dissipation at TA = 25°C can be
calculated as below :
PD(MAX) = (125°C - 25°C) / (3.75°C/W) = 26.6W for a
WL-CSP-41B 3.10x3.48 (BS) package.
The maximum power dissipation depends on the
operating ambient temperature for the fixed TJ(MAX)
and the thermal resistance,
θJA. The derating curves in
Figure 1 allows the designer to see the effect of rising
ambient
temperature
on
the
maximum
power
dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com