Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1025WS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT1025WS
Description  Low-Power, Integrated ECG/PPG AFE for Heart-Rate Monitoring and Measurements
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT1025WS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT1025WS Datasheet HTML 1Page - Richtek Technology Corporation RT1025WS Datasheet HTML 2Page - Richtek Technology Corporation RT1025WS Datasheet HTML 3Page - Richtek Technology Corporation RT1025WS Datasheet HTML 4Page - Richtek Technology Corporation RT1025WS Datasheet HTML 5Page - Richtek Technology Corporation RT1025WS Datasheet HTML 6Page - Richtek Technology Corporation RT1025WS Datasheet HTML 7Page - Richtek Technology Corporation RT1025WS Datasheet HTML 8Page - Richtek Technology Corporation RT1025WS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
RT1025
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation
www.richtek.com
DS1025-01
July
2022
2
Applications
Medical Instrumentation (ECG) including :
Heart Rate, Respiration, and Single-Lead ECG
Medical Instrumentation (PPG) including :
Optical Heart-Rate Monitoring (HRM)
Heart-Rate Variability (HRV)
Pulse Oximetry (SpO2 Measurement)
VO2 Max
Sports and Fitness Wearable Devices
High-Precision, Simultaneous, Multichannel Signal
Acquisition
Pin Configuration
(TOP VIEW)
DVDD18
RSV
GND_D
INP_PPG
DVDDIO
VCM
I2C_SEL
SPC_CLK
GND_D
GND_A
SPI_MISO
SPI_CSN
RSV
RSV
GND_D
SPI_MOSI
GND_HV
RESETB
INT
AVDD_HV
GND_HV
VLX
NC
GND
VB
RSV
RSV
GND_A
XTALO
AFE_PWD
RSV
VRLD
INP_ECG
INN_ECG
VBG
GND_A
TX1
TX2
INN_PPG AVDD28
GND_HV
G7
F7
E7
D7
B7
A7
G6
D6
C6
B6
A6
G5
C5
B5
A5
G4
B4
A4
G3
B3
C3
A3
G2
E2
D2
C2
B2
A2
F1
E1
D1
C1
B1
A1
H7
H6
H4
H3
H2
H1
G1
WL-CSP-41B 3.10x3.48 (BS)
Part Status
Part No
Status
Package Type
RT1025WS
Lifebuy
WL-CSP-41B 3.10x3.48 (BS)
The part status values are defined as follows :
Active : Device is in production and is recommended for new designs.
Lifebuy : The device will be discontinued, and a lifetime-buy period is in effect.
NRND : Not recommended for new designs.
Preview : Device has been announced but is not in production.
EOL : Richtek has discontinued the production of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com