Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4823WSC Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT4823WSC
Description  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT4823WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4823-01
September 2022
4
Free-Running Mode
If both voltages of VIN and VOUT are lower than 2.2V,
the Boost converter will into free-running mode. In this
mode, switching frequency operation is 1.5MHz and
duty cycle of Boost converter is 25%. It is translation of
power-on stage, and there is implemented current limit
function for converter soft-start. The current limit level
should be lower than 900mA.
EN and BP
As Table 1 shows, there are three device states in the
RT4823. When EN and BP pull low, it is shutdown
mode, and the quiescent current is less than 1
A. If EN
pulls high (BP do not care), the RT4823 is in boost
mode and it is with low quiescent operation. If BP pulls
high and EN pulls low, the RT4823 is in bypass mode.
There should be a delay time (< 250
s) from EN
pull-high to power ready, to guarantee normal operation.
Table 1. Pin Configuration for Converter
EN Input
BP Input
Mode Define
Device State
0
0
Shutdown Mode
The device is shut down. The device shutdown current is
approximately 1
A (max).
1
Do not care
Boost Mode
The device is active in Boost PFM low quiescent mode.
The supply current is approximately 4
A (typ.).
0
1
Bypass Mode
The device is in forced bypass mode.
Enable
The boost can be enabled or disabled by the EN pin.
When the EN pin is higher than the threshold of
logic-high, the device starts operating as shown in
Figure 1 operation diagram. In shutdown mode, the
converter stops switching, and the internal control
circuit is turned off. The output voltage is discharged by
component consumption (such as Cap ESR) since
there is no discharge function in this state.
Soft-Start State
During
soft-start
state,
if
VOUT
reaches
99%
VOUT_Target, the RT4823 will enter boost operation.
When system powers on with heavy loading (higher
than pre-charge current), the RT4823 is in pre-charge
state until loading release.
Boost/Auto Bypass Mode
There are two normal operation modes, the boost
mode, and the auto bypass mode. In the boost mode
(VIN – 0.3V < VOUT_Target), the converter boosts output
voltage to VOUT_Target, and delivers power to loading by
internal synchronous switches after the soft-start state.
In the auto bypass mode (VIN – 0.3V ≥ VOUT_Target),
input voltage will deliver to the output terminal loading
directly. That can provide maximum current capacity
with the RT4823. Detailed information is shown in the
Boost Mode section.
Boost Mode (Auto PFM/PWM Control Method)
In order to save power and improve efficiency at low
loads, the Boost converter operates in PFM (Pulse
Frequency Modulation) as the inductor drops into DCM
(Discontinuous
Current
Mode).
The
switching
frequency is proportional to loading to reach output
voltage
regulation.
When
loading
increases
and
inductor current is in continuous current mode, the
Boost automatically enters PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com