Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4823WSC Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4823WSC
Description  Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4823WSC Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4823WSC Datasheet HTML 1Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 2Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 3Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 4Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 5Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 6Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 7Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 8Page - Richtek Technology Corporation RT4823WSC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
RT4823
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4823-01
September 2022
2
Ordering Information
RT4823
Package Type
WSC : WL-CSP-9B 1.3x1.2 (BSC)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
8B : Product Code
W : Date Code
8BW
Pin Configuration
(TOP VIEW)
VOUT
GND
VIN
EN
BP
SW
SW
C1
C2
C3
B3
B1
B2
A1
A2
A3
WL-CSP-9B 1.3x1.2 (BSC)
Functional Pin Description
Pin No.
Pin Name
Pin Function
A1, A2
VOUT
Output voltage. Place COUT as close as possible to the device.
A3
VIN
Input voltage. This pin has to connect to input power to supply chip internal power.
B1, B2
SW
Switching node. The power inductor should be connected between SW and power
input.
B3
EN
Enable. When this pin is set to HIGH, the circuit is enabled. Do not leave this pin
floating.
C1, C2
GND
Ground. This is the power and signal ground reference for the chip. The COUT
bypass capacitor should be returned with the shortest path possible to these pins.
C3
BP
Bypass mode. This pin is used to control the converter into bypass mode.
(Detailed configuration is shown in Table 1.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com