Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4823WSC Datasheet (PDF) - Richtek Technology Corporation

RT4823WSC Datasheet PDF - Richtek Technology Corporation
Part # RT4823WSC
Download  RT4823WSC Download
File Size   730.44 Kbytes
Page   20 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency

RT4823WSC Datasheet (PDF)

Go To PDF Page Download Datasheet
RT4823WSC Datasheet PDF - Richtek Technology Corporation

Part # RT4823WSC
Download  RT4823WSC Click to download

File Size   730.44 Kbytes
Page   20 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency

RT4823WSC Datasheet (HTML) - Richtek Technology Corporation


RT4823WSC Product details

General Description
The RT4823 integrates built-in power transistors,
synchronous rectification, and low supply current to
provide a compact solution for systems using advanced
Li-Ion battery chemistries. The RT4823 is capable of
supplying significant energy when the battery voltage is
lower than the required voltage for system power ICs.
The RT4823 is a boost regulator designed to provide a
minimum output voltage from a single-cell Li-Ion battery,
even when the battery voltage is below system
minimum. In boost mode, output voltage regulation is
guaranteed to a maximum load current of 1500mA.
Quiescent current in shutdown mode is less than 1A,
which maximizes the battery life. The regulator
transitions smoothly between bypass and normal boost
mode. The device can be forced into bypass mode to
reduce quiescent current.
The RT4823 is available in the WL-CSP-9B 1.3x1.2
(BSC) package.

Applications
NFC Device Power Supply
USB Charging Ports
PC Accessory Application (Keyboard, Mouse...etc.)
TWS (True Wireless Stereo) Hall Sensor
Gaming Device Sensor

Features
⚫ Ultra-Low Operating Quiescent Current
⚫ Quickly Start-Up Time (< 400sec)
⚫ 3 Few External Components : 1H Inductor, 0402
Case Size Input and 0603 Case Size Output Case
Size Capacitors
⚫ Input Voltage Range : 1.8V to 5.5V
⚫ Support VIN > VOUT Operation
⚫ Default Boost Output Voltage Setting :
VOUT = 5V
⚫ Maximum Continuous Load Current : 1.3A at
VIN > 3.6V Boosting VOUT to 5V
⚫ Up to 93% Efficiency
⚫ EN(H) : Boost Mode
⚫ EN(L), BP(H) : Bypass Mode
⚫ EN(L), BP(L) : Shutdown Mode
⚫ Internal Synchronous Rectifier
⚫ Over-Current Protection
⚫ Cycle-by-Cycle Current Limit
⚫ Over-Voltage Protection
⚫ Short-Circuit Protection
⚫ Over-Temperature Protection
⚫ Small WL-CSP-9B 1.3x1.2 (BSC) Package




Similar Part No. - RT4823WSC

ManufacturerPart #DatasheetDescription
logo
3M Electronics
RT48 3M-RT48 Datasheet
392Kb / 6P
Scotch-WeldTM Retaining Compound Anaerobic Adhesives
logo
Richtek Technology Corp...
RT4801H RICHTEK-RT4801H Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4801HWSC RICHTEK-RT4801HWSC Datasheet
1Mb / 22P
Dual Output LCD Bias for Smartphones and Tablets
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
Synchronous Boost Regulator with Bypass Mode
More results


Similar Description - RT4823WSC

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6648 SIPEX-SP6648 Datasheet
262Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP6648EU-L SIPEX-SP6648EU-L Datasheet
1Mb / 34P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
logo
Texas Instruments
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com