Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4841 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT4841 Datasheet HTML 7Page - Richtek Technology Corporation RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation RT4841 Datasheet HTML 10Page - Richtek Technology Corporation RT4841 Datasheet HTML 11Page - Richtek Technology Corporation RT4841 Datasheet HTML 12Page - Richtek Technology Corporation RT4841 Datasheet HTML 13Page - Richtek Technology Corporation RT4841 Datasheet HTML 14Page - Richtek Technology Corporation RT4841 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
RT4841
11
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Application Information
The RT4841 is a 5A Synchronous Boost Converter with
Output Isolation MOS. It is a synchronous current mode
boost converter integrated with a 22V/5A isolation power
switch, covering a wide VIN range from 8.6V to 15.9V. It
performs high efficiency and fast transient responses to
generate source driver supplies for TFT LCD display. The
synchronous step-up converter uses a current mode, pulse
width modulation (PWM) topology with a built in N-
MOSFET to achieve high efficiency and fast transient
response in TFT-LCD applications. The following content
contains detailed description and information for
component selection.
Boost Regulator
The RT4841 is a synchronous current mode boost
converter integrated with a 22V/5A power switch, covering
a wide VIN range from 8.6V to 15.9V. It performs high
efficiency and fast transient responses to generate source
driver supplies for TFT LCD display . The high operation
frequency allows use of smaller components to minimize
the thickness of the LCD panel. The output voltage can be
adjusted by setting the resistive voltage-divider sensing
at the FB pin. The error amplifier varies the COMP voltage
by sensing the FB pin to regulate the output voltage. For
better stability, the slope compensation signal summed
with the current sense signal will be compared with the
COMP voltage to determine the current trip point and duty
cycle.
Soft-Start
The RT4841 provides soft-start function to minimize the
inrush current. When powered on, an internal constant
current charges an external capacitor. The rising voltage
rate on the COMP pin is limited from VSS = 0V to 1.24V
and the inductor peak current will also be limited at the
same time. When powered off, the external capacitor will
be discharged until the next soft-start time.
The soft-start function is implemented by the external
capacitor with a 4
μA constant current charging to the soft-
start capacitor. Therefore, the capacitor should be large
enough for output voltage regulation. A typical value for
soft-start capacitor is 47nF.
Output Voltage Setting
The regulated output voltage is shown as the following
equation :
OUT
REF
REF
R1 R2 R3
V
= V
x
,
R3
where V
= 1.25V (typ.)




The recommended value for R3 should be at least 10k
Ω
without some sacrificing. Place the resistive voltage divider
as close as possible to the chip to reduce noise sensitivity.
Over Current Protection
The RT4841 includes a current sensing circuitry which
monitors the inductor peak current during each ON period.
If the peak current crosses the current limit threshold of
5A (typical), the on cycle is terminated immediately and
forcing the inductor to leave charging stage and enter
discharge stage. Therefore, the inductor current can be
kept below the current limit. The next cycle resumes at
the next clock pulse.
Over Temperature Protection
The RT4841 step-up converter has thermal protection
function to prevent the chip from overheating. When the
junction temperature exceeds 150
°C, the function shuts
down the device. Once the device cools down by
approximately 15
°C, it will automatically restart to normal
operation. To guarantee continuous operation, do not
operate over the maximum junction temperature rating of
125
°C.
Short Circuit Protection
To limit the short circuit current, the IC has a voltage detect
device. If VIN power on that SWO voltage lower than 4V
after 5ms, then the IC will shut down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com