Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4841 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT4841 Datasheet HTML 1Page - Richtek Technology Corporation RT4841 Datasheet HTML 2Page - Richtek Technology Corporation RT4841 Datasheet HTML 3Page - Richtek Technology Corporation RT4841 Datasheet HTML 4Page - Richtek Technology Corporation RT4841 Datasheet HTML 5Page - Richtek Technology Corporation RT4841 Datasheet HTML 6Page - Richtek Technology Corporation RT4841 Datasheet HTML 7Page - Richtek Technology Corporation RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
RT4841
2
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Timing Diagram
SWI
SWO
EN
SS
External GD Turn on
Boost Soft-Start
External GD OK
= SWG-4V
SWG
VIN
SWO
SW
COMP
FB
VL
10µH
10µFx6
10µFx3
EN
SWI
SWO
4.7nF
56k
1nF
18
19
16
9, 10
4, 5
13
C1
C4
C6
C9
L1
R1
R4
VIN
RT4841
SWG
8
T1
C7
1µF
R3
C3
20µF
C5
100pF
0.1µF
BT
14
6
SS
C8
47nF
17
VIN
15
GND
1, 2, 20
R2
C2
PGND
11, 12,
21 (Exposed pad)
Chip Enable
C10
20µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com