Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT4841 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT4841
Description  5A Synchronous Boost Converter with Output Isolation MOS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4841 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT4841 Datasheet HTML 8Page - Richtek Technology Corporation RT4841 Datasheet HTML 9Page - Richtek Technology Corporation RT4841 Datasheet HTML 10Page - Richtek Technology Corporation RT4841 Datasheet HTML 11Page - Richtek Technology Corporation RT4841 Datasheet HTML 12Page - Richtek Technology Corporation RT4841 Datasheet HTML 13Page - Richtek Technology Corporation RT4841 Datasheet HTML 14Page - Richtek Technology Corporation RT4841 Datasheet HTML 15Page - Richtek Technology Corporation RT4841 Datasheet HTML 16Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RT4841
13
DS4841-00 May 2021
www.richtek.com
©
Copyright
2021 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Input Capacitor Selection
For the power stage, because of the inductor current ripple,
the input voltage changes if there is parasite inductance
and resistance between the power supply and the inductor.
It is recommended to have enough input capacitance to
make smaller the input voltage ripple. Generally, three
10
μF input capacitances are sufficient for most
applications.
The value of the input capacitance CIN of a boost converter
is generally selected to limit the input voltage ripple
ΔVIN
specified by the application. For CCM mode operation,
the current flowing through CIN is primarily determined
by the inductor ripple current
ΔIL.
The DVIN can be calculated as the following equation :
LSW
IN
IN
IT
C
8V


Where
ΔIL is the inductor ripple current and TSW is s
witching period. Low ESR ceramic capacitors are
recommended for input capacitor applications. Low ESR
will effectively reduce the input voltage ripple. The
ΔVESR
can be calculated as the following equation :
ΔVESR = ESR x ΔIL
Another consideration is the voltage rating of the input
capacitor which must be greater than the maximum input
voltage.
Loop Compensation
The external compensation network of the RT4841 must
be compensated by the designer to ensure the stability
of the overall loop response. In power-supply design, a
power supply is typically defined to be stable if the gain
margin is greater than 10dB and the phase margin is
greater than 45°. The requirement for stability is typically
forcing the loop to cross over with a -1 slope, or -20dB/
Decade in the vicinity of the crossover frequency.
A relationship exists between the phase margin of a
second-order closed-loop system and the quality
coefficient Q of its transfer function. If the phase margin is
too small, the peaking induces high output ringing, exactly
as in an RLC circuit. On the contrary, if the phase margin
becomes too large, it slows down the system : the
overshoot goes away but to the detriment of response
and recovery speed.
The stability exercise requires shaping the compensation
circuit G(s) in order to provide adequate phase margin at
the selected crossover point, together with a high gain in
dc. Choose R4 to set high frequency integrator gain for
fast transient response and C9 to set the integrator zero
to maintain loop stability.
For typical application, VIN = 12V, SWO = 14.5V, C6 =
10
μF x 6, L1 = 10μH, while the recommended value for
compensation is as follows : R4 = 33k
Ω, C9 = 1nF.
Thermal Considerations
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. The maximum allowable power
dissipation depends on the thermal resistance of the IC
package, the PCB layout, the rate of surrounding airflow,
and the difference between the junction and ambient
temperatures. The maximum power dissipation can be
calculated using the following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction-to-ambient
thermal resistance.
For continuous operation, the maximum operating junction
temperature indicated under Recommended Operating
Conditions is 125
°C. The junction-to-ambient thermal
resistance,
θJA, is highly package dependent. For a
WQFN-20L 4x4, the thermal resistance,
θJA, is 28°C/W
on a standard JEDEC 51-7 high effective-thermal-
conductivity four-layer test board. The maximum power
dissipation at TA = 25
°C can be calculated as below :
PD(MAX) = (125
°C − 25°C) / (28°C/W) = 3.57W for a
WQFN-20L 4x4 package.
The maximum power dissipation depends on the operating
ambient temperature for the fixed TJ(MAX) and the thermal
resistance,
θJA. The derating curves in Figure 2 allows
the designer to see the effect of rising ambient temperature
on the maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com