Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5753C Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT5753C Datasheet HTML 9Page - Richtek Technology Corporation RT5753C Datasheet HTML 10Page - Richtek Technology Corporation RT5753C Datasheet HTML 11Page - Richtek Technology Corporation RT5753C Datasheet HTML 12Page - Richtek Technology Corporation RT5753C Datasheet HTML 13Page - Richtek Technology Corporation RT5753C Datasheet HTML 14Page - Richtek Technology Corporation RT5753C Datasheet HTML 15Page - Richtek Technology Corporation RT5753C Datasheet HTML 16Page - Richtek Technology Corporation RT5753C Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
RT5753A/B/C/D
13
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 2.5V
VIN = 3.3V
VIN = 3.6V
VIN = 4.5V
VIN = 5V
RT5753B/D, VOUT = 1.2V
Efficiency vs. Output Current
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 2.5V
VIN = 3.3V
VIN = 3.6V
VIN = 4.5V
VIN = 5V
RT5753A/C, VOUT = 1.2V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 3.3V
VIN = 3.6V
VIN = 4.5V
VIN = 5V
RT5753B/D, VOUT = 1.8V
Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 4.5V
VIN = 5V
RT5753B/D, VOUT = 3.3V
Efficiency vs. Output Current
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 4.5V
VIN = 5V
RT5753A/C, VOUT = 3.3V
Efficiency vs. Output Current
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 3.3V
VIN = 3.6V
VIN = 4.5V
VIN = 5V
RT5753A/C, VOUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com