Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5753C Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT5753C
Description  3A, 1.2MHz, 6V Synchronous Step-Down Converter In WDFN-8L 2x2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5753C Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT5753C Datasheet HTML 17Page - Richtek Technology Corporation RT5753C Datasheet HTML 18Page - Richtek Technology Corporation RT5753C Datasheet HTML 19Page - Richtek Technology Corporation RT5753C Datasheet HTML 20Page - Richtek Technology Corporation RT5753C Datasheet HTML 21Page - Richtek Technology Corporation RT5753C Datasheet HTML 22Page - Richtek Technology Corporation RT5753C Datasheet HTML 23Page - Richtek Technology Corporation RT5753C Datasheet HTML 24Page - Richtek Technology Corporation RT5753C Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
RT5753A/B/C/D
21
DS5753A/B/C/D-03 May 2022
www.richtek.com
©
Copyright 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
In addition, the input capacitor needs to have a very low
ESR and must be rated to handle the worst-case RMS
input current of :
OUT
IN
RMS
OUT_MAX
IN
OUT
V
V
I
I
1
VV

It is common to use the worse IRMS
≅ IOUT/2 at VIN =
2VOUT for design. Note that ripple current ratings from
capacitor manufacturers are often based on only 2000
hours of life which makes it advisable to further de-rate
the capacitor, or choose a capacitor rated at a higher
temperature than required.
Several capacitors may also be paralleled to meet size,
height and thermal requirements in the design. For low
input voltage applications, sufficient bulk input capacitance
is needed to minimize transient effects during output load
changes.
Ceramic capacitors are ideal for switching regulator
applications because of its small size, robustness and
very low ESR. However, care must be taken when these
capacitors are used at the input. A ceramic input capacitor
combined with trace or cable inductance forms a high
quality (under damped) tank circuit. If the RT5753A/B/C/
D circuit is plugged into a live supply, the input voltage
can ring to twice its nominal value, possibly exceeding
the device's rating. This situation is easily avoided by
placing the low ESR ceramic input capacitor in parallel
with a bulk capacitor with higher ESR to damp the voltage
ringing.
The input capacitor should be placed as close as possible
to the VIN pins, with a low inductance connection to the
GND of the IC. In addition to a larger bulk capacitor, a
small ceramic capacitors of 0.1
μF should be placed close
to the VIN and GND pin. This capacitor should be 0402 or
0603 in size.
Output Capacitor Selection
The RT5753A/B/C/D are optimized for ceramic output
capacitors and best performance will be obtained by using
them. The total output capacitance value is usually
determined by the desired output voltage ripple level and
transient response requirements for sag (undershoot on
load apply) and soar (overshoot on load release).
Output Ripple
The output voltage ripple at the switching frequency is a
function of the inductor current ripple going through the
output capacitor's impedance. To derive the output voltage
ripple, the output capacitor with capacitance, COUT, and
its equivalent series resistance, RESR, must be taken into
consideration. The output peak-to-peak ripple voltage
VRIPPLE, caused by the inductor current ripple
ΔIL, is
characterized by two components, which are ESR ripple
VRIPPLE(ESR) and capacitive ripple VRIPPLE(C), and can be
expressed as below :
RIPPLE
RIPPLE(ESR)
RIPPLE(C)
RIPPLE(ESR)
L
ESR
L
RIPPLE(C)
OUT
SW
V
= V
V
V
= I
R
I
V
=
8C
f


If ceramic capacitors are used as the output capacitors,
both the components need to be considered due to the
extremely low ESR and relatively small capacitance.
Output Transient Undershoot and Overshoot
In addition to voltage ripple at the switching frequency,
the output capacitor and its ESR also affect the voltage
sag (undershoot) and soar (overshoot) when the load steps
up and down abruptly. The ACOT® transient response is
very quick and output transients are usually small. The
following section shows how to calculate the worst-case
voltage swings in response to very fast load steps.
The output voltage transient undershoot and overshoot each
have two components : the voltage steps caused by the
output capacitor's ESR, and the voltage sag and soar due
to the finite output capacitance and the inductor current
slew rate. Use the following formula to check if the ESR
is low enough (typically not a problem with ceramic
capacitors) and the output capacitance is large enough to
prevent excessive sag and soar on very fast load step
edges, with the chosen inductor value.
The amplitude of the ESR step up or down is a function of
the load step and the ESR of the output capacitor :
VESR _STEP =
ΔIOUT x RESR
The amplitude of the capacitive sag is a function of the
load step, the output capacitor value, the inductor value,
the input-to-output voltage differential, and the maximum
duty cycle. The maximum duty cycle during a fast transient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com