Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203F Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6203F
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203F Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6203F Datasheet HTML 9Page - Richtek Technology Corporation RT6203F Datasheet HTML 10Page - Richtek Technology Corporation RT6203F Datasheet HTML 11Page - Richtek Technology Corporation RT6203F Datasheet HTML 12Page - Richtek Technology Corporation RT6203F Datasheet HTML 13Page - Richtek Technology Corporation RT6203F Datasheet HTML 14Page - Richtek Technology Corporation RT6203F Datasheet HTML 15Page - Richtek Technology Corporation RT6203F Datasheet HTML 16Page - Richtek Technology Corporation RT6203F Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
RT6203F
13
DS6203F-00 December 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Table 3 shows special codes and relative function. Special codes are valid during the soft-start time.
1110000 to 1110010 : To change the over current limit level.
1110011 to 1110101 : To change the over-temperature protection level.
1110110 to 1110111 : To shut down and start up IC.
1100001 to 1101000 : To change the VOUT slew rate.
Special Codes
Function
1110000
ILIM = 10A (default)
1110001
ILIM = 7.15A
1110010
ILIM = 4.3A
1110011
OT = 150°C (default)
1110100
OT = 130°C
1110101
OT = 170°C
1110110
Shutdown code
1110111
Start-up code
1100001
VOUT slew rate = Code /1s (default)
1100010
VOUT slew rate = Code /2s
1100011
VOUT slew rate = Code /3s
1100100
VOUT slew rate = Code /4s
1100101
VOUT slew rate = Code /5s
1100110
VOUT slew rate = Code /6s
1100111
VOUT slew rate = Code /7s
1101000
VOUT slew rate = Code /8s
Table 3. Special Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com