Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6203F Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT6203F
Description  6A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter with VID Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6203F Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT6203F Datasheet HTML 13Page - Richtek Technology Corporation RT6203F Datasheet HTML 14Page - Richtek Technology Corporation RT6203F Datasheet HTML 15Page - Richtek Technology Corporation RT6203F Datasheet HTML 16Page - Richtek Technology Corporation RT6203F Datasheet HTML 17Page - Richtek Technology Corporation RT6203F Datasheet HTML 18Page - Richtek Technology Corporation RT6203F Datasheet HTML 19Page - Richtek Technology Corporation RT6203F Datasheet HTML 20Page - Richtek Technology Corporation RT6203F Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
RT6203F
21
DS6203F-00 December 2018
www.richtek.com
Richtek Technology Corporation
14F, No. 8, Tai Yuen 1st Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789
Richtek products are sold by description only. Customers should obtain the latest relevant information and data sheets before placing orders and should verify
that such information is current and complete. Richtek cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Richtek
product. Information furnished by Richtek is believed to be accurate and reliable. However, no responsibility is assumed by Richtek or its subsidiaries for its use;
nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent
or patent rights of Richtek or its subsidiaries.
Footprint Information
PABC
D
Sx
Sy
M
Option1
2.30
2.30
Option2
3.40
2.40
±0.10
4.20
1.30
0.70
4.51
PSOP-8
8
1.27
6.80
Tolerance
Footprint Dimension (mm)
Number of Pin
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com