Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1862A Datasheet(PDF) 1 Page - Belden Inc.

Part # 1862A
Description  Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1862A Datasheet(HTML) 1 Page - Belden Inc.

  1862A Datasheet HTML 1Page - Belden Inc. 1862A Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 1862A
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CMP
Product Description
Speaker Cable, 2 Conductor 16 AWG stranded (19x29) high conductivity bare copper conductors with Flamarrest® insulation, cabled in an open twisted
construction, Plenum-CL3P.
Technical Specifications
Product Overview
Suitable Applications:
Speaker Cable
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Conductors
16
19x29
BC - Bare Copper 2
Conductor Count:
2
Insulation
Material
Material Trade Name Nominal Wall Thickness
PVC - Polyvinyl Chloride Flamarrest®
0.022 in
Outer Shield
Material
No Shield
Outer Jacket
Nominal Diameter
0.202 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
4.2 Ohm/1000ft
Inductance
Nominal Inductance
0.186 µH/ft
Current
Max. Recommended Current [A]
6.5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
150 V RMS
Temperature Range


Similar Part No. - 1862A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1862 MACOM-1862 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
Heyco.
1862 HEYCO-1862 Datasheet
130Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Adafruit Industries
1862 ADAFRUIT-1862 Datasheet
148Kb / 2P
JST-PH 2-Pin SMT Right Angle Breakout Board
logo
Bud Industries, Inc.
1862-AB BUD-1862-AB Datasheet
90Kb / 1P
ADAPTER BRACKET
logo
Atom Lighting
18620 ATOM-18620 Datasheet
279Kb / 2P
AT9422
26th of January 2025 07:22:24
More results

Similar Description - 1862A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1861A BELDEN-1861A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP
12-19-2022
8808WB BELDEN-8808WB Datasheet
149Kb / 2P
Speaker Cable, 2 Conductor 8 AWG BC, Unshielded, Waterblocked
04-14-2023
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
8810WB BELDEN-8810WB Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, Waterblocked
04-14-2023
8816WB BELDEN-8816WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, Waterblocked
04-14-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com