Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6220 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT6220
Description  6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6220 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT6220 Datasheet HTML 7Page - Richtek Technology Corporation RT6220 Datasheet HTML 8Page - Richtek Technology Corporation RT6220 Datasheet HTML 9Page - Richtek Technology Corporation RT6220 Datasheet HTML 10Page - Richtek Technology Corporation RT6220 Datasheet HTML 11Page - Richtek Technology Corporation RT6220 Datasheet HTML 12Page - Richtek Technology Corporation RT6220 Datasheet HTML 13Page - Richtek Technology Corporation RT6220 Datasheet HTML 14Page - Richtek Technology Corporation RT6220 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
RT6220
11
DS6220-11 July 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (50
μs/Div)
UVP
VIN = 12V, EN = High
SW
(10V/Div)
VOUT
(1V/Div)
PGOOD
(5V/Div)
Time (50
μs/Div)
OVP
IL
(5A/Div)
VIN = 12V, VOUT = 1.25V, EN = High
VOUT
(1V/Div)
PGOOD
(5V/Div)
VIN
(10V/Div)
VIN = 12V, EN = High, VOUT = 1V, COUT = 4 x 22
μF,
Time (50
μs/Div)
Load Transient Response
SW
(20V/Div)
IL
(5A/Div)
VOUT
(20mV/Div)
L = 1.2
μH, IOUT = 0.6A to 6A @ 2.5A/μs
No Load, VIN = 12V
Time (500
μs/Div)
Power Off Through EN
PGOOD
(5V/Div)
VOUT
(1V/Div)
EN
(5V/Div)
VCC
(5V/Div)
Time (50
μs/Div)
Load Transient Response
SW
(20V/Div)
IL
(5A/Div)
VOUT
(200mV/Div)
VIN = 12V, EN = High, VOUT = 5V, COUT = 3 x 22
μF,
L = 2.2
μH, IOUT = 0.6A to 6A @ 2.5A/μs
Time (50
μs/Div)
Load Transient Response
SW
(20V/Div)
IL
(5A/Div)
VOUT
(100mV/Div)
VIN = 12V, EN = High, VOUT = 3.3V, COUT = 3 x 22
μF,
L = 2.2
μH, IOUT = 0.6A to 6A @ 2.5A/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com