Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6220 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT6220
Description  6A, 23V, 500kHz, ACOT® Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6220 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT6220 Datasheet HTML 9Page - Richtek Technology Corporation RT6220 Datasheet HTML 10Page - Richtek Technology Corporation RT6220 Datasheet HTML 11Page - Richtek Technology Corporation RT6220 Datasheet HTML 12Page - Richtek Technology Corporation RT6220 Datasheet HTML 13Page - Richtek Technology Corporation RT6220 Datasheet HTML 14Page - Richtek Technology Corporation RT6220 Datasheet HTML 15Page - Richtek Technology Corporation RT6220 Datasheet HTML 16Page - Richtek Technology Corporation RT6220 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
RT6220
13
DS6220-11 July 2020
www.richtek.com
©
Copyright 2020 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
inductor current reaches the continuous conduction. The
transition load point to the light load operation is shown in
Figure 4 and can be calculated as follows :
Figure 4. Boundary Condition of CCM/DEM
t
IL
Slope = (VIN - VOUT) / L
IPEAK
ILOAD = IPEAK / 2
tON
IN
OUT
LOAD
ON
(V
V
)
It
2L

where tON is the on-time.
The switching waveforms may appear noisy and
asynchronous when light load causes diode emulation
operation. This is normal and results in high efficiency.
Trade offs in DEM noise vs. light load efficiency is made
by varying the inductor value.Generally, low inductor values
produce a broader efficiency vs. load curve, while higher
values result in higher full load efficiency (assuming that
the coil resistance remains fixed) and less output voltage
ripple. Penalties for using higher inductor values include
larger physical size and degraded load transient response
(especially at low input voltage levels).
During discontinuous switching, the on-time is immediately
increased to add “hysteresis” to discourage the IC from
switching back to continuous switching unless the load
increases substantially. The IC returns to continuous
switching as soon as an on-time is generated before the
inductor current reaches zero. The on-time is reduced back
to the length needed for 500kHz switching and encouraging
the circuit to remain in continuous conduction, preventing
repetitive mode transitions between continuous switching
and discontinuous switching.
Linear Regulators (VCC)
The RT6220 includes a 5V linear regulator (VCC). The
VCC regulator steps down input voltage to supply both
internal circuitry and gate drivers. Do not connect the VCC
pin to external loads. When PGOOD is pulled high and
BYP pin voltage is above 4.6V, an internal 3
Ω
P-MOSFET switch connects VCC to the BYP pin while
the VCC linear regulator is simultaneously turned off.
Current Limit
The RT6220 current limit is a cycle-by-cycle “valley” type,
measuring the inductor current through the synchronous
rectifier during the off-time while the inductor current ramps
down. The current is determined by measuring the voltage
between Source and Drain of the synchronous rectifier,
adding temperature compensation for greater accuracy. If
the current exceeds the current limit, the on-time one-
shot is inhibited until the inductor current ramps down
below the current limit. If the output current exceeds the
available inductor current (controlled by the current limit
mechanism), the output voltage will drop. If it drops below
the output under-voltage protection level (see next section),
the IC will stop switching to avoid excessive heat.
Output Over-Voltage Protection and Under-Voltage
Protection
The RT6220 features an output Over-Voltage Protection
(OVP). For the RT6220A and the RT6220BL, if the output
voltage rises above the regulation level, the IC stops
switching and is latched off. On the other hand, for the
RT6220AH and the RT6220BH, the IC will stop switching
and restart automatically after a short period which is the
so-called Hiccup mode. The RT6220 also features an
output Under-Voltage Protection (UVP). If the output
voltage drops below the UVP trip threshold for longer than
5
μs (typical), the UVP is triggered, and the IC will
shutdown. Likewise, for the RT6220A and the RT6220BL,
the IC stops switching and is latched off. On the other
hand, for the RT6220AH and the RT6220BH, the IC will
stop switching and enter the Hiccup mode. To restart
operation from latch off, toggle EN or power the IC off and
then turn on again.
Input Under-Voltage Lockout
In addition to the enable function, the RT6220 features an
Under-Voltage Lockout (UVLO) function that monitors the
input voltage. To prevent operation without fully-enhanced
internal MOSFET switches, this function inhibits switching



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com