Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207EATR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST207EATR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EATR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST207EATR Datasheet HTML 2Page - STMicroelectronics ST207EATR Datasheet HTML 3Page - STMicroelectronics ST207EATR Datasheet HTML 4Page - STMicroelectronics ST207EATR Datasheet HTML 5Page - STMicroelectronics ST207EATR Datasheet HTML 6Page - STMicroelectronics ST207EATR Datasheet HTML 7Page - STMicroelectronics ST207EATR Datasheet HTML 8Page - STMicroelectronics ST207EATR Datasheet HTML 9Page - STMicroelectronics ST207EATR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
ST207E
6/17
3
Electrical characteristics
Table 3.
ESD Performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
ESD
ESD Protection voltage
Human body model
± 15
KV
ESD
ESD Protection voltage
IEC-1000-4-2 Contact discharge
± 8KV
Table 4.
Electrical characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 5%, TA = min. to max., unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
ISUPPLY
VCC Power supply current
No Load, TA = 25°C
2
5
mA
Table 5.
Transmitter electrical characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 5%, TA = min. to max., unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VTOUT
Output voltage swing
All Driver loaded with 3K
Ω to GND
± 5
± 8.5
V
ROUT
Transmitter output resistance
VCC = V+ = V- = 0V VOUT = ± 2V
300
ISC
Output short circuit current
± 18
± 60
mA
IIL
Input pull-up current
TIN = 0V
15
200
µA
VTIL
Input logic threshold low
0.8
V
VTIH
Input logic threshold high
2
V
Table 6.
Receiver electrical characteristics
(C1 - C4 = 0.1µF, VCC = 5V ± 5%, TA = min. to max., unless otherwise specified. Typical
values are referred to TA = 25°C).
Symbol
Parameter
Test
Min.
Typ.
Max.
Unit
VRIN
Receiver input voltage
operating range
-30
30
V
VRIL
Input threshold low
TA = 25°C VCC = 5V
0.8
1.2
V
VRIH
Input threshold high
TA = 25°C VCC = 5V
1.7
2.4
V
VRIHYS
Input hysteresis
VCC = 5V, no hysteresis in shutdown
0.2
0.5
1
V
RRIN
Input resistance
TA = 25°C VCC = 5V
3
5
7
K
VOL
Output voltage low
0.4
V
VOH
Output voltage high
IOUT = -1mA
3.5
VCC-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com