Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207EATR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST207EATR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EATR Datasheet(HTML) 5 Page - STMicroelectronics

  ST207EATR Datasheet HTML 1Page - STMicroelectronics ST207EATR Datasheet HTML 2Page - STMicroelectronics ST207EATR Datasheet HTML 3Page - STMicroelectronics ST207EATR Datasheet HTML 4Page - STMicroelectronics ST207EATR Datasheet HTML 5Page - STMicroelectronics ST207EATR Datasheet HTML 6Page - STMicroelectronics ST207EATR Datasheet HTML 7Page - STMicroelectronics ST207EATR Datasheet HTML 8Page - STMicroelectronics ST207EATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ST207E
Maximum ratings
5/17
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied. V+ and V- can have a
maximum magnitude of +7V, but their absolute addition can not exceed 13 V.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.3 to 6
V
V+
Extra positive voltage
(VCC - 0.3) to 14
V
V-
Extra negative voltage
-14 to 0.3
V
TIN
Transmitter input voltage range
-0.3 to (VCC + 0.3)
V
RIN
Receiver input voltage range
± 30
V
TOUT
Transmitter output voltage range
(V- - 0.3) to (V+ + 0.3)
V
ROUT
Receiver output voltage range
-0.3 to (VCC + 0.3)
V
TSHORT
Short circuit duration on tout
Continuous
TSTG
Storage temperature range
-65 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com