Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST207EATR Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST207EATR
Description  짹 15kV ESD protected 5V RS-232 transceiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST207EATR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST207EATR Datasheet HTML 8Page - STMicroelectronics ST207EATR Datasheet HTML 9Page - STMicroelectronics ST207EATR Datasheet HTML 10Page - STMicroelectronics ST207EATR Datasheet HTML 11Page - STMicroelectronics ST207EATR Datasheet HTML 12Page - STMicroelectronics ST207EATR Datasheet HTML 13Page - STMicroelectronics ST207EATR Datasheet HTML 14Page - STMicroelectronics ST207EATR Datasheet HTML 15Page - STMicroelectronics ST207EATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Package mechanical data
ST207E
12/17
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.1
0.043
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
7.7
7.9
0.303
0.311
E
4.3
4.5
0.169
0.177
e
0.65 BSC
0.0256 BSC
H
6.25
6.5
0.246
0.256
K0°
L
0.50
0.70
0.020
0.028
TSSOP24 MECHANICAL DATA
7047476B
c
H
b
A2
A
E
D
1
PIN 1 IDENTIFICATION
A1
L
K
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com