Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302ALB Datasheet(PDF) 12 Page - STMicroelectronics

Part # LIS302ALB
Description  MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALB Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LIS302ALB Datasheet HTML 8Page - STMicroelectronics LIS302ALB Datasheet HTML 9Page - STMicroelectronics LIS302ALB Datasheet HTML 10Page - STMicroelectronics LIS302ALB Datasheet HTML 11Page - STMicroelectronics LIS302ALB Datasheet HTML 12Page - STMicroelectronics LIS302ALB Datasheet HTML 13Page - STMicroelectronics LIS302ALB Datasheet HTML 14Page - STMicroelectronics LIS302ALB Datasheet HTML 15Page - STMicroelectronics LIS302ALB Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical performance characteristics
LIS302ALB
12/17
5
Typical performance characteristics
5.1
Mechanical characteristics at 25°C
Figure 5.
X-axis Zero-g level and Sensitivity at 3.3V
Figure 6.
Y-axis Zero-g level and Sensitivity at 3.3V
Figure 7.
Z-axis Zero-g leveland Sensitivity at 3.3V
1.55
1.6
1.65
1.7
1.75
0
5
10
15
20
25
30
Zero g level (V)
0.44
0.46
0.48
0.5
0.52
0
5
10
15
Sensitivity(V/g)
1.55
1.6
1.65
1.7
1.75
0
5
10
15
20
25
30
Zero g level (V)
0.44
0.46
0.48
0.5
0.52
0
5
10
15
Sensitivity(V/g)
1.55
1.6
1.65
1.7
1.75
0
5
10
15
20
25
30
35
40
Zero g level (V)
0.44
0.46
0.48
0.5
0.52
0
2
4
6
8
10
12
14
16
18
20
Sensitivity(V/g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com