Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302ALB Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS302ALB
Description  MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALB Datasheet(HTML) 4 Page - STMicroelectronics

  LIS302ALB Datasheet HTML 1Page - STMicroelectronics LIS302ALB Datasheet HTML 2Page - STMicroelectronics LIS302ALB Datasheet HTML 3Page - STMicroelectronics LIS302ALB Datasheet HTML 4Page - STMicroelectronics LIS302ALB Datasheet HTML 5Page - STMicroelectronics LIS302ALB Datasheet HTML 6Page - STMicroelectronics LIS302ALB Datasheet HTML 7Page - STMicroelectronics LIS302ALB Datasheet HTML 8Page - STMicroelectronics LIS302ALB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Block diagram
LIS302ALB
4/17
Table 1.
Pin description
Pin #
Pin Name
Function
1
Reserved
Connect to Vdd
2
Reserved
Connect to Vdd
3
S0
Mux selector 0 (Connect to Vdd or to GND)
4
S1
Mux selector 1 (Connect to Vdd or to GND)
5
ST
Self Test (Logic 0: normal mode; Logic 1: Self-test)
6
PD
Power Down (Logic 0: normal mode; Logic 1: Power-Down mode)
7
Voutx
Output Voltage X channel
8
Vouty
Output Voltage Y channel
9
Voutz
Output Voltage Z channel
10
GND
0V supply
11
Vout
Multiplexer output
12
Aux_In
Auxiliary input
13
Vdd
Power supply
14
Reserved
Connect to Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com