Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS302ALB Datasheet(PDF) 15 Page - STMicroelectronics

Part # LIS302ALB
Description  MEMS motion sensor 3-axis - ±2g analog output piccolo accelerometer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302ALB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LIS302ALB Datasheet HTML 9Page - STMicroelectronics LIS302ALB Datasheet HTML 10Page - STMicroelectronics LIS302ALB Datasheet HTML 11Page - STMicroelectronics LIS302ALB Datasheet HTML 12Page - STMicroelectronics LIS302ALB Datasheet HTML 13Page - STMicroelectronics LIS302ALB Datasheet HTML 14Page - STMicroelectronics LIS302ALB Datasheet HTML 15Page - STMicroelectronics LIS302ALB Datasheet HTML 16Page - STMicroelectronics LIS302ALB Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
LIS302ALB
Package information
15/17
6
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 12.
LGA 14: Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
0.920
1.000
0.0362 0.0394
A2
0.700
0.0275
A3
0.180
0.220
0.260 0.0071 0.0087 0.0102
D1
2.850
3.000
3.150 0.1122 0.1181 0.1240
E1
4.850
5.000
5.150 0.1909 0.1968 0.2027
e
0.800
0.0315
d
0.300
0.0118
L1
4.000
0.1575
N
1.360
0.0535
N1
1.200
0.0472
P1
0.965
0.975
0.985 0.0380 0.0384 0.0386
P2
0.640
0.650
0.660 0.0252 0.0256 0.0260
T1
0.750
0.800
0.850 0.0295 0.0315 0.0335
T2
0.450
0.500
0.550 0.0177 0.0197 0.0217
R
1.200
1.600 0.0472
0.0630
h
0.150
0.0059
k
0.050
0.0020
i
0.100
0.0039
s
0.100
0.0039
LGA14 (3x5x0.92mm) Pitch 0.8mm
Land Grid Array Package
7773587 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com