Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJ802 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MJ802
Description  SILICON NPN POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJ802 Datasheet(HTML) 1 Page - STMicroelectronics

  MJ802 Datasheet HTML 1Page - STMicroelectronics MJ802 Datasheet HTML 2Page - STMicroelectronics MJ802 Datasheet HTML 3Page - STMicroelectronics MJ802 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MJ802
SILICON NPN POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
DESCRIPTION
The MJ802 is a silicon Epitaxial-Base power
transistor mounted in Jedec TO-3 metal case. It
is intended for general purpose power amplifier
and switching applications.
®
October 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEO
Collector-emitter Voltage (IB = 0)
90
V
VCBO
Collector-base Voltage (IE = 0)
100
V
VEBO
Emitter-Base Voltage (IC = 0)
4
V
IC
Collector Current
30
A
IB
Base Current
7.5
A
Ptot
Total Dissipation at Tc
≤ 25 oC
200
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Max. Operating Junction Temperature
200
oC
1
2
TO-3
INTERNAL SCHEMATIC DIAGRAM
1/4


Similar Part No. - MJ802

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ802 MOSPEC-MJ802 Datasheet
111Kb / 3P
POWER TRANSISTORS(30A,100V,200W)
logo
Motorola, Inc
MJ802 MOTOROLA-MJ802 Datasheet
136Kb / 4P
30 AMPERE POWER TRANSISTOR NPN SILICON 100 VOLTS 200 WATTS
logo
ON Semiconductor
MJ802 ONSEMI-MJ802 Datasheet
136Kb / 4P
High-Power NPN Silicon Transistor
1995 REV 7
logo
STMicroelectronics
MJ802 STMICROELECTRONICS-MJ802 Datasheet
277Kb / 5P
COMPLEMENTARY HIGH POWER TRANSISTORS
Dec-1988
logo
Wing Shing Computer Com...
MJ802 WINGS-MJ802 Datasheet
55Kb / 1P
NPN PLANAR SILICON TRANSISTOR(AUDIO POWER AMPLIFIER DC TO DC CONVERTER)
More results

Similar Description - MJ802

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com