Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9200LSR3 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MRF9200LSR3
Description  880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9200LSR3 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MRF9200LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
RF Device Data
Freescale Semiconductor
MRF9200LR3 MRF9200LSR3
Figure 2. MRF9200LR3(SR3) Test Circuit Component Layout
VGG
C34
C31
C30
C33
C32
C29
C5
R1
C1
C2
C3
C4
L1
C6
C8
C7
R2
R3
B2
B1
C9
C11
C21
C22
C23
C24 C26
VDD
C25
C27
C20
C19
L2
C13
C14
C15
C17
C18
C16
C12
C10
C28
MRF9200 Drain
Rev. 3A
MRF9200 Drain
Rev. 3B
Freescale has begun the transition of marking Printed Circuit Boards (PCBs) with the Freescale Semiconductor
signature/logo. PCBs may have either Motorola or Freescale markings during the transition period. These changes will have
no impact on form, fit or function of the current product.
Table 5. MRF9200LR3(SR3) Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
RF Bead, Surface Mount (0603)
2506033007Y0
Fair-Rite
B2
RF Bead, Surface Mount (0805)
2508051107Y0
Fair-Rite
C1
2.2 pF Chip Capacitor (0603)
GQM1885C2A2R2CB01B
Murata
C2, C19
47 pF Chip Capacitors (0805)
GQM2195C1H470JB01B
Murata
C3
2.0 pF Chip Capacitor (0603)
GQM1885C2A2R0BB01B
Murata
C4, C18
0.4-2.5 pF Variable Capacitors
27283PC
Gigatronics
C5
8.2 pF Chip Capacitor (0603)
GQM1885C1H8R2DB01B
Murata
C6, C12
0.8-8.0 pF Variable Capacitors
27291SL
Gigatronics
C7, C8
12 pF Chip Capacitors (0603)
GQM1885C1H120JB01B
Murata
C9, C10
10 pF Chip Capacitors (0805)
GQM2195C2A100JB01B
Murata
C11
5.1 pF Chip Capacitor (0805)
GQM2195C2A5R1DB01B
Murata
C13
3.3 pF Chip Capacitor (0805)
GQM2195C2A3R3CB01B
Murata
C14, C17
1.5 pF Chip Capacitors (0805)
GQM2195C2A1R5CB01B
Murata
C15, C16
22 pF Chip Capacitors (0805)
GQM2195C1H220JB01B
Murata
C20
0.56 μF Chip Capacitor (1825)
C1825C564J5RAC
Kemet
C21, C22, C31
2.2 μF Chip Capacitors (1825)
C1825C225J5RAC
Kemet
C23
10 μF, 50 V Tantalum Chip Capacitor
522Z-050/100MTRE
Tecate
C24, C25, C26, C27
22 μF, 35 V Tantalum Chip Capacitors
T491X226K035AS
Kemet
C28
330 μF, 63 V Electrolytic Capacitor
NACZF331M100V (18X22)
Nippon
C29
10 μF Chip Capacitor (1206)
GRM31MF51A106ZA01B
Murata
C30
0.01 μF Chip Capacitor (1825)
C1825C103J1RAC
Kemet
C32, C33
22 μF, 25 V Tantalum Chip Capacitors
ECS-T1ED226R
Panasonic TE series
C34
47 μF, 16 V Tantalum Chip Capacitor
T491D476K016AS
Kemet
L1
22 nH Chip Inductor (0805)
L0805220JEW
AVX
L2
8 nH Inductor
A03T-5
CoilCraft
R1
510 W, 1/10 W Chip Resistor (0805)
Dale/Vishay
R2, R3
11 W, 1/8 W Chip Resistors (1206)
Dale/Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com