Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9200LSR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF9200LSR3
Description  880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9200LSR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF9200LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF9200LR3 MRF9200LSR3
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model (per JESD22-A114)
1C (Minimum)
Machine Model (per EIA/JESD22-A115)
B (Minimum)
Charge Device Model (per JESD22-C101)
IV (Minimum)
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
—
—
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 26 Vdc, VGS = 0 Vdc)
IDSS
—
—
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
—
—
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 100 μAdc)
VGS(th)
1.5
2.7
3.5
Vdc
Gate Quiescent Voltage
(VDS = 26 Vdc, ID = 2400 mAdc)
VGS(Q)
3
3.7
4.5
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 6.0 Adc)
VDS(on)
—
0.25
0.4
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 6.7 Adc)
gfs
—
8.8
—
S
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 26 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
—
2.5
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 26 Vdc, IDQ = 2400 mA, Pout = 40 W Avg. N-CDMA,
f = 880 MHz, Single-Carrier N-CDMA, 1.2288 MHz Channel Bandwidth Carrier. ACPR measured in 30 kHz Channel Bandwidth @ ±750 kHz
Offset. Peak/Avg. = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain
Gps
16
17.5
—
dB
Drain Efficiency
ηD
22
25
—
%
Adjacent Channel Power Ratio
ACPR
—
-46.5
-45
dBc
Input Return Loss
IRL
—
-13
-9
dB
1. Part internally matched both on input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com