Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9200LSR3 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF9200LSR3
Description  880 MHz, 40 W AVG. 26 V SINGLE N-CDMA N-Channel Enhancement-Mode Lateral MOSFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF9200LSR3 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF9200LSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF9200LSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MRF9200LR3 MRF9200LSR3
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N-Channel Enhancement-Mode Lateral MOSFETs
Designed for broadband commercial and industrial applications with
frequencies to 1000 MHz. The high gain and broadband performance of these
devices make them ideal for large-signal, common-source amplifier applica-
tions in 26 volt base station equipment.
• Typical Single-Carrier N-CDMA Performance @ 880 MHz: VDD = 26 Volts,
IDQ = 2400 mA, Pout = 40 Watts Avg., IS-95 CDMA (Pilot, Sync, Paging,
Traffic Codes 8 Through 13). Channel Bandwidth = 1.2288 MHz.
Peak/Avg. = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain — 17.5 dB
Drain Efficiency — 25%
ACPR @ 750 kHz Offset — -46.5 dBc in 30 kHz Bandwidth
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 880 MHz, 40 Watts CW
Output Power
Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• Internally Matched for Ease of Use
• Integrated ESD Protection
• Low Gold Plating Thickness on Leads, 40μ″ Nominal.
• RoHS Compliant
• In Tape and Reel. R3 Suffix = 250 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +65
Vdc
Gate-Source Voltage
VGS
-0.5, +15
Vdc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
625
3.6
W
W/°C
Storage Temperature Range
Tstg
- 65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 60°C, 200 W CW
Case Temperature 80°C, 40 W CW
RθJC
0.28
0.34
°C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Tools/Software/Application Software/Calculators to
access the MTTF calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF9200L
Rev. 3, 5/2006
Freescale Semiconductor
Technical Data
MRF9200LR3
MRF9200LSR3
880 MHz, 40 W AVG., 26 V
SINGLE N-CDMA
LATERAL N-CHANNEL
RF POWER MOSFETs
CASE 465C-02, STYLE 1
NI-880S
MRF9200LSR3
CASE 465B-03, STYLE 1
NI-880
MRF9200LR3
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MRF9200LSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9200LSR3 FREESCALE-MRF9200LSR3 Datasheet
775Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF9200LSR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9085 MOTOROLA-MRF9085 Datasheet
491Kb / 8P
880 MHz, 90 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF9180 MOTOROLA-MRF9180 Datasheet
342Kb / 12P
880 MHz, 170 W, 26 V LATERAL N-CHANNEL RF POWER MOSFETs
MRF5S19130R3 MOTOROLA-MRF5S19130R3 Datasheet
417Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Freescale Semiconductor...
MRF6P9220HR3 FREESCALE-MRF6P9220HR3 Datasheet
437Kb / 12P
880 MHz, 47 W AVG., 28 V SINGLE N-CDMA LATERAL N-CHANNEL RF POWER MOSFET
MRF6V2150N FREESCALE-MRF6V2150N Datasheet
205Kb / 8P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF5S19090LR3 MOTOROLA-MRF5S19090LR3 Datasheet
412Kb / 12P
1990 MHz, 18 W AVG 2 x N-CDMA, 28 V LATERAL N-CHANNEL RF POWER MOSFETs
logo
Freescale Semiconductor...
MRFE6S9125NR1 FREESCALE-MRFE6S9125NR1 Datasheet
598Kb / 18P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Motorola, Inc
MRF184R1 MOTOROLA-MRF184R1 Datasheet
1,015Kb / 12P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
NXP Semiconductors
A2T18S160W31S NXP-A2T18S160W31S Datasheet
669Kb / 20P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 0, 5/2015
A2T27S020N NXP-A2T27S020N Datasheet
493Kb / 18P
N--Channel Enhancement--Mode Lateral MOSFETs
Rev. 1, 01/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com