Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLD2WMGS1 Datasheet(PDF) 2 Page - Rohm

Part # RLD2WMGS1
Description  660nm High Power / 780nm Low Power Dual Wave Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD2WMGS1 Datasheet(HTML) 2 Page - Rohm

  RLD2WMGS1 Datasheet HTML 1Page - Rohm RLD2WMGS1 Datasheet HTML 2Page - Rohm RLD2WMGS1 Datasheet HTML 3Page - Rohm RLD2WMGS1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RLD2WGS1
Laser Diodes
Under development
2/3
Electrical and optical characteristics(Tc=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Threshold current
DVD
Ith
mA
−
60
75
CW
30mW/ (I (80mW)
− I (50mW))
Operating current
Iop
mA
−
150
200
PO
=80mW CW
PO
=80mW CW
PO
=80mW CW
Beam diveragence
(FWHM)
θ //
deg
7.5
−
13
θ ⊥
deg
12.5
−
21
Beam tolerance
φ //
deg
−30
3
Lasing wavelength
λ
nm
655
662
665
PO
=80mW CW
Emission point accuracy
∆X,Y,Z
deg
−80
0
80
−
Astigmatism
As
nm
−−
6
NA
=0.45, PO=5mW CW
φ ⊥
deg
−30
3
Operating voltage
Vop
V
−
2.7
3.3
Output efficiency
η
mW/mA
0.7
0.9
1.3
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Threshold current
CD
Ith
mA
−
50
80
CW
4mW/ (I (8mW)
− I (4mW))
Operating current
Iop
mA
−
80
90
PO
=20mW CW
PO
=20mW CW
PO
=20mW CW
Beam diveragence
(FWHM)
θ //
deg
6
7.5
12
θ ⊥
deg
13
15.5
21
Beam tolerance
φ //
deg
−30
3
Lasing wavelength
λ
nm
770
782
790
PO
=20mW CW
Resistance
Rs
Ω
−
3.5
5
PO
=20mW CW
Astigmatism
Note :
θ ⊥, θ //are defined as full width of half maximum.
As
µm
−−
6
NA
=0.45, PO=5mW CW
φ ⊥
deg
−30
3
Operating voltage
Vop
V
−
1.9
2.3
Output efficiency
η
mW/mA
0.5
0.7
1.2
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Emission point distance
[Common]
−µm
109
110
111
−



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com