Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLD2WMGS1 Datasheet(PDF) 3 Page - Rohm

Part # RLD2WMGS1
Description  660nm High Power / 780nm Low Power Dual Wave Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD2WMGS1 Datasheet(HTML) 3 Page - Rohm

  RLD2WMGS1 Datasheet HTML 1Page - Rohm RLD2WMGS1 Datasheet HTML 2Page - Rohm RLD2WMGS1 Datasheet HTML 3Page - Rohm RLD2WMGS1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RLD2WGS1
Laser Diodes
Under development
3/3
Electrical and optical characteristics curves(Tc=25
°C)
Fig.1 Optical output vs. operating current
0
0
50
100
150
200
100
200
300
400
If [mA]
25
°C
60
°C
70
°C
80
°C
40
°C
50
°C
Pulse width 50ns.
Duty 40%
Fig.2
θ // power dependence
0.0
0.2
0.4
0.6
0.8
1.0
-60
-40
-20
0
20
40
60
Angle [deg]
80mW
60mW
40mW
20mW
5mW
Fig.3
θ ⊥ power dependence
0.0
0.2
0.4
0.6
0.8
1.0
-60
-40
-20
0
20
40
60
Angle [deg]
80mW
60mW
40mW
20mW
5mW



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com