Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLD2WMGS1 Datasheet(PDF) 1 Page - Rohm

Part # RLD2WMGS1
Description  660nm High Power / 780nm Low Power Dual Wave Laser
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD2WMGS1 Datasheet(HTML) 1 Page - Rohm

  RLD2WMGS1 Datasheet HTML 1Page - Rohm RLD2WMGS1 Datasheet HTML 2Page - Rohm RLD2WMGS1 Datasheet HTML 3Page - Rohm RLD2WMGS1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RLD2WGS1
Laser Diodes
Under development
1/3
660nm High Power / 780nm Low Power
Dual Wave Laser
RLD2WMGS1
RLD2WMGS1 is a dual wave laser which achieved high emission point distance accuracy according to a emission point
simultaneous process.
Applications
Dimensions(Unit : mm)
DVD recorder
Features
1) DVD / CD Po (Optical output) : 240mW / 20mW
2) Emission point distance accuracy : 110
µm ± 1µm
3) High Heat Radiation Type : Slim frame package
Absolute maximum ratings(Tc=25
°C)
Parameter
Optical output
DVD
Operating temperature
Storage temperature
PO
VR
Tstg
Top
Pulse 240
2
−10 to +75 (Pulse)
−40 to +75
mW
V
Symbol
Limits
Unit
°C
°C
Laser reverse voltage
Parameter
Optical output
CD
Operating temperature
Storage temperature
PO
VR
Tstg
Top
CW 20
2
−10 to +75 (Pulse)
−40 to +75
mW
V
Symbol
Limits
Unit
°C
°C
Lase reverse voltage
5.15
0.45(
∆Z)
3.6MAX
2.1
1.3
1.3
3-0.4
3-0.55MAX
0.235(
∆Y)
3.55MAX
1.5
13
2
LD
LD
GND
1 LD (650nm) anode
2 GND cathode
3 LD (780nm) anode


Similar Part No. - RLD2WMGS1

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD2WMFL3 ROHM-RLD2WMFL3 Datasheet
690Kb / 1P
2-Wavelength Laser Diodes for DVD/CD Playback
RLD2WMUL3 ROHM-RLD2WMUL3 Datasheet
690Kb / 1P
2-Wavelength Laser Diodes for DVD/CD Playback
RLD2WMUV2 ROHM-RLD2WMUV2 Datasheet
86Kb / 3P
DVD-ROM / player single mode 2wavelength laser diode
More results

Similar Description - RLD2WMGS1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2830 AD-ADN2830 Datasheet
270Kb / 12P
Continuous Wave Laser Average Power Controller
6/03-Data Sheet changed from REV. 0 to REV. A.
logo
DB Lectro Inc
7830-0000-CD DBLECTRO-7830-0000-CD Datasheet
91Kb / 1P
780nm 3 mW Laser Diodes
logo
Rohm
RLD78MRA1 ROHM-RLD78MRA1 Datasheet
70Kb / 3P
780nm Low Power Lasers
logo
Analog Devices
ADN2830ACPZ32 AD-ADN2830ACPZ32 Datasheet
147Kb / 10P
Continuous Wave Laser Average Power Controller
REV. B
logo
Rohm
RLD78MZA6 ROHM-RLD78MZA6 Datasheet
1Mb / 9P
780nm Invisible Multi Mode Laser Diode
RLD78MZM7 ROHM-RLD78MZM7 Datasheet
711Kb / 9P
780nm Invisible Single Mode Laser Diode
RLD78NZM5 ROHM-RLD78NZM5 Datasheet
708Kb / 9P
780nm Invisible Single Mode Laser Diode
RLD78NZM7 ROHM-RLD78NZM7 Datasheet
1,006Kb / 9P
780nm Invisible Single Mode Laser Diode
RLD78PZM7 ROHM-RLD78PZM7 Datasheet
1Mb / 9P
780nm Invisible Single Mode Laser Diode
RLD2BPNG5 ROHM-RLD2BPNG5 Datasheet
981Kb / 9P
780nm Invisible 2beam Laser Diode
2023.6 - Rev.004
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com