Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSM111 Datasheet HTML 9Page - STMicroelectronics TSM111 Datasheet HTML 10Page - STMicroelectronics TSM111 Datasheet HTML 11Page - STMicroelectronics TSM111 Datasheet HTML 12Page - STMicroelectronics TSM111 Datasheet HTML 13Page - STMicroelectronics TSM111 Datasheet HTML 14Page - STMicroelectronics TSM111 Datasheet HTML 15Page - STMicroelectronics TSM111 Datasheet HTML 16Page - STMicroelectronics TSM111 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
TSM111
14/17
When the system has latched (either after over-
current or overvoltage condition), the system
needs to be reset via the Remote input. The C2
capacitor determines two different timings to the
Fault output :
C2=100nF => Trem1(ON to OFF)=8ms
C2=100nF => Trem2(OFF to ON)=24ms
R5 is a pull down resistor on the remote pin of
TSM111. Note that an integrated pull up resistor of
100k
Ω is to be taken into account in the choice of
R5, knowing that the threshold voltage of the input
comparator is 1.4V. Therefore, R5 should be low-
er than 38.8k
Ω.
R5 = 1k
Ω is a good value.
The evaluation board integrates the possibility to
make the Remote signal either manual, or elec-
tronic thanks to the ORing diodes D5 and D6 (and
the pull down resistor R5), and the Push Button
(SW1). These diodes can of course be replaced
by straps according to the evaluation require-
ments (manual or electronic).
The Tpor delay time allows the PG output (Power
Good) to rise to high level when the 5V power line
internal supervision circuitry has stayed above the
undervoltage 4.3V threshold for more than Tpor
time following the approximated equation 6 :
C3 x Vth = Ic x Tpor
eq6
where Vth is 2V and Ic is 20
µA.
C3=2.2
µF => Tpor=300ms
When the 5V power line passes under the 4.3V
undervoltage threshold, the Power Good signal
(PG) falls immediately to low level.
The Power Good output can also be triggered by
the Vdet input of the board. This input should be
connected to a power line representative of the
AC mains power situation. As an example, an ad-
ditional winding on the auxiliary power supply offer
an early warning of power down from the mains
power point of view. The UV threshold is internally
fixed to Vdet=1.26V. Therefore, it is necessary to
add a zener diode D1.
D1=15Vzener => Vdet=16.26V
Note that a 20k
Ω serial pull down resistor is inte-
grated. Therefore, only a low power zener is need-
ed.
The Fault output needs a pull up resistor R6.
The Power Good output needs a pull up resistor
R11. Both signals are pulled up to the 5Vstandby
power supply which can be generated from the
evaluation board thanks to a 78L05 5V regulator.
This regulator needs a C6 bypass capacitor.
The C7 bypass capacitor smoothens the VCC pin
of TSM111.
The Adj (Adjust) pin should be connected to
ground. Adjust allows to tune a new overvoltage
protection value (ex 2.7V instead of 3.3V).
Example of component lists
Table 1 gives an example of component list
Name
Type
Value
Comment
U1
IC
TSM111
DIP20
U2
IC
78L05
TO92
R1
R 1/4W
R 1/2W
R 1W
10m
Ω
5m
Ω
2.5m
Ω
5A
10A
20A
R2
R 1/4W
R 1/2W
R 1W
10m
Ω
5m
Ω
2.5m
Ω
5A
10A
20A
R3
R 1/4W
R 1/2W
R 1W
65m
Ω
13m
Ω
6.5m
Ω
1A
5A
10A
R4
R 1/4W
33K
Ω
R5
R 1/4W
1K
Ω
R6
R 1/4W
47K
Ω
R7
R 1/4W
depends on opto used
R8
R 1/4W
10k
Ω comp. network to
be fine tuned
R9
R 1/4W
depends on opto used
R10
R 1/4W
10k
Ω comp. network to
be fine tuned
R11
R 1/4W
47K
Ω
D1
Z 1/4W
15V
D5
D 1/4W
1N4148
D6
D 1/4W
1N4148
C1
C Electro
4.7
µF
C2
C Plastic
100nF
C3
C Electro
2.2
µF
C4
C Plastic
10NF comp. network to
be fine tuned
C5
C Plastic
10NF comp. network to
be fine tuned
C6
C Plastic
100nF
C7
C Electro
10
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com