Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 4 Page - STMicroelectronics

  TSM111 Datasheet HTML 1Page - STMicroelectronics TSM111 Datasheet HTML 2Page - STMicroelectronics TSM111 Datasheet HTML 3Page - STMicroelectronics TSM111 Datasheet HTML 4Page - STMicroelectronics TSM111 Datasheet HTML 5Page - STMicroelectronics TSM111 Datasheet HTML 6Page - STMicroelectronics TSM111 Datasheet HTML 7Page - STMicroelectronics TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TSM111
4/17
POWER GOOD SECTION
REMOTE On/Off
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Tpor
Turn on Delay for Power Good,
Cpor = 2.2
µF
Ic = 20
µA typ.,
Vth = 2V typ.
100
300
500
ms
Ic
Tpor Delay Charging Current
12
20
28
µA
Vth
Tpor Delay Threshold Voltage
1.8
2
2.2
V
Vhdet
Under Voltage Comparator Hysteresis
20
40
80
mV
Vhpor
Hysteresis on Tpor
200
250
mV
Vdet
Voltage Detect Level
UV Input pin 11
1.22
1.26
1.3
V
Rdet
Load Resistor on Vdetect
UV Input pin 11
20
k
Vvs4
Undervoltage Sense 5V
4.1
4.3
4.5
V
tr
PG Output Rise Time
CL = 100pF
1
µs
tf
PG Output Fall Time
CL = 100pF
300
ns
Vol2
Power Good Output Saturation Level
Ic = 15mA
0.4
V
Ioh2
Power Good Leakage Current Collector Vout = 5V
1
µA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vrem
Remote On/Off Input Threshold Level
1
1.8
V
Iil
Remote Input Low Driving Current
1
mA
Vol1
Remote Ouput (PWM) Saturation Level Ic = 0.5mA
1.3
V
Ioh1
Remote Output (PWM) Collector
Leakage Current
Vout = 5V
1
µA
Vih1
Remote Input Voltage Level
Pin 7 open
4.2
5.25
V
Trem1
Timing On to Off in to On/Off
out, Cext = 100,F
48
14
ms
Trem2
Timing Off to On in to On/Off
out, Cext = 100nF
16
24
34
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com