Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM111 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSM111
Description  TRIPLE VOLTAGE AND CURRENT SUPERVISOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM111 Datasheet(HTML) 3 Page - STMicroelectronics

  TSM111 Datasheet HTML 1Page - STMicroelectronics TSM111 Datasheet HTML 2Page - STMicroelectronics TSM111 Datasheet HTML 3Page - STMicroelectronics TSM111 Datasheet HTML 4Page - STMicroelectronics TSM111 Datasheet HTML 5Page - STMicroelectronics TSM111 Datasheet HTML 6Page - STMicroelectronics TSM111 Datasheet HTML 7Page - STMicroelectronics TSM111 Datasheet HTML 8Page - STMicroelectronics TSM111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TSM111
3/17
ELECTRICAL CHARACTERISTICS
V
CC = 16V, Tamb = 0°C to 70°C (typical values given for 25°C)
VOLTAGE REFERENCE, AUXILIARY CONVERTER (Fbaux)
VOLTAGE REFERENCE, MAIN CONVERTER (Fbmain)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICC
Total Supply Current
PG low
5
10
mA
Vcs1
Current Sense Threshold Voltage 3.3V
46.5
50
53.5
mV
Vcs2
Current Sense Threshold Voltage 5V
46.5
50
53.5
mV
Vcs3
Current Sense Threshold Voltage 12V
60.5
65
69.5
mV
Viscm
Current Sense Input Common Mode
Voltage Range
see note 2
0
VCC -2
V
Vvs1
Overvoltage Sense 3.3V
3.8
4
4.2
V
Vvs2
Overvoltage Sense 5V
5.8
6.1
6.4
V
Vvs3
Overvoltage Sense 12V
13.4
14.2
15
V
VAdj
Threshold Voltage, 3.3V OVP
Projection
ADJ Input pin 4
1.22
1.26
1.3
V
Vsur
Thereshold Voltage (Tsur input)
2.4
2.5
2.6
V
Tsur
Tsur Timing with Determined External
Components
33k
Ω to VCC, 4.7µF to
ground
21
ms
Vsurend
Tsur Input Clamp Voltage
7
8
V
Vpull
Input Pulled Down Voltage for V33, V5
and V12
Isink = 100µA,
REMOTE high
0.4
V
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vrefaux
Reference Voltage
Ir = 0.5mA, Tamb = 25°C
2.46
2.5
2.54
V
Iaux
Current Stability
Ir = 0.5mA to 10mA
20
mV
Taux
Temperature Stability
17
mV
Regliaux
Line Regulation
15 < VCC < 36V
1mV/V
Ioutaux
Output Sinking Current Capability
Vout > 2V
15
25
mA
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vrefmain
Reference Voltage
Ir = 0.5mA, Tamb = 25°C
2.46
2.5
2.54
V
Imain
Current Stability
Ir = 0.5mA to 10mA
20
mV
Tmain
Temperature Stability
17
mV
Reglimain
Line Regulation
15 < VCC < 36V
1mV/V
Ioutmain
Output Sinking Current Capability
Vout > 2V
15
25
mA
Resp
Absolute Precision of the Internal Resis-
tor Connected to Vrefmain
(39k, 10k, 5.4k)
±15
%
Resm
Matching of the Internal Resistors Con-
nected to Vrefmain
(39k, 10k, 5.4k)
±1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com