Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
22
Table 16 shows the FLASH_BIU settings versus frequency of operation. Refer to the device Reference
Manual for definitions of these bit-fields.
10
64 Kbyte Block Pre-program and Erase Time
T64kpperase
—
400
500
5000
ms
8
128 Kbyte Block Pre-program and Erase Time
T128kpperase
—
500
1250
15,000
ms
11
Minimum operating frequency for program and erase
operations6
—25
—
—
—
MHz
1 Typical program and erase times assume nominal supply values and operation at 25 oC.
2 Initial factory condition:
≤ 100 program/erase cycles, 25 oC, typical supply voltage, 80MHz minimum system frequency.
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is characterized
but not guaranteed.
4 Actual hardware programming times. This does not include software overhead.
5 Page size is 256 bits (8 words).
6 Read frequency of the flash can be up to the maximum operating frequency of the device. There is no minimum read frequency
condition.
Table 15. Flash EEPROM Module Life (Full Temperature Range)
Num
Characteristic
Symbol
Min
Typical1
1 Typical endurance is evaluated at 25C. Product qualification is performed to the minimum specification. For additional
information on the Freescale definition of Typical Endurance, please refer to Engineering Bulletin EB619 “Typical Endurance
for Nonvolatile Memory.”
Unit
1a
Number of Program/Erase cycles per block for 16 Kbyte, 48 Kbyte, and 64
Kbyte blocks over the operating temperature range (TJ)
P/E
100,000
—
cycles
1b
Number of Program/Erase cycles per block for 128 Kbyte blocks over the
operating temperature range (TJ)
P/E
10,000
100,000
cycles
2
Data retention
Blocks with 0 – 1,000 P/E cycles
Blocks with 1,001 – 100,000 P/E cycles
Retention
20
5
—years
Table 16. FLASH_BIU Settings vs. Frequency of Operation
Maximum Frequency (MHz)
APC
RWSC
WWSC
DPFEN
IPFEN
PFLIM
BFEN
up to and including 82 MHz1
1 This setting allows for 80 MHz system clock with 2% frequency modulation.
0b001
0b001
0b01
0b00,
0b01, or
0b112
0b00,
0b01, or
0b112
0b000-
0b1103
0b0, 0b14
up to and including 102 MHz5
0b001
0b010
0b01
0b00,
0b01, or
0b112
0b00,
0b01, or
0b112
0b000-
0b1103
0b0, 0b14
up to and including132 MHz6
0b010
0b011
0b01
0b00,
0b01, or
0b112
0b00,
0b01, or
0b112
0b000-
0b1103
0b0, 0b14
Default Setting after Reset
0b111
0b111
0b11
0b00
0b00
0b000
0b0
Table 14. Flash Program and Erase Specifications1 (continued)
Num
Characteristic
Symbol
Min
Typ
Initial
Max2
Max3
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com