Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Electrical Characteristics
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
23
3.12
AC Specifications
3.12.1
Pad AC Specifications
2 For maximum flash performance, this should be set to 0b11.
3 For maximum flash performance, this should be set to 0b110.
4 For maximum flash performance, this should be set to 0b1.
5 This setting allows for 100 MHz system clock with 2% frequency modulation.
6 This setting allows for 128 MHz system clock with 2% frequency modulation.
Table 17. Pad AC Specifications (VDDEH = 5.0V, VDDE = 1.8V)1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
FSYS = 132MHz, VDD = 1.35V to 1.65V, VDDE = 1.62V to 1.98V, VDDEH = 4.5V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V,
TA = TL to TH.
Num
Pad
SRC/DSC
Out Delay2, 3, 4
(ns)
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Out delay is shown in Figure 3. Add a maximum of one system clock to the output delay for delay with respect to system clock.
4 Delay and rise/fall are measured to 20% or 80% of the respective signal.
Rise/Fall4, 5
(ns)
5 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Load Drive
(pF)
1
Slow High Voltage (SH)
11
26
15
50
82
60
200
01
75
40
50
137
80
200
00
377
200
50
476
260
200
2
Medium High Voltage (MH)
11
16
8
50
43
30
200
01
34
15
50
61
35
200
00
192
100
50
239
125
200
3
Fast
00
3.1
2.7
10
01
2.5
20
10
2.4
30
11
2.3
50
4
Pull Up/Down (3.6V max)
—
—
7500
50
5
Pull Up/Down (5.5V max)
—
—
9000
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com