Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Electrical Characteristics
MPC5565 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
37
3.13.6
eTPU Timing
Figure 16. eTPU Timing
Figure 17. eTPU Input/Output Timing
Table 24. eTPU Timing1
1 eTPU timing specified at F
SYS = 132MHz, VDD = 1.35V to 1.65V, VDDEH = 3.0V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V,
TA = TL to TH, and CL = 200pF with SRC = 0b11.
Num
Characteristic
Symbol
Min
Max
Unit
1
eTPU Input Channel Pulse Width
tICPW
4—
tCYC
2
eTPU Output Channel Pulse Width
tOCPW
2—
tCYC
1
2
eTPU
OUTPUT
eTPU INPUT
AND TCRCLK
CLKOUT
3
4
eTPU
OUTPUT
eTPU INPUT
AND TCRCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com