Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT244ASE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI74LPT244ASE
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT244ASE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI74LPT244ASE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PI74LPT244
3.3V 8-Bit Buffer /Line Driver
2
PS2058F
06/05/06
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Storage Temperature .............................................................. –55°C to +125°C
Ambient Temperature with Power Applied ............................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & Vcc Only) ....... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) .... –0.5V to +7.0V
DC Input Voltage ...................................................................... –0.5V to +7.0V
DC Output Current.................................................................................120 mA
Power Dissipation ......................................................................................1.0W
Pin Description
Pin Name
Description
OEA, OEB
3-State Output Enable Inputs (Active LOW)
Dxx
Inputs
Oxx
Outputs
GND
Ground
VCC
Power
Truth Table(1)
Inputs
Outputs
OEA
OEB
DXX
OXX
L
L
L
L
L
L
H
H
H
H
X
Z
Notes:
1. H = High Voltage Level, X = Don't Care,
L = Low Voltage Level, Z = High Impedance
06-0181



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com