Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT244ASE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74LPT244ASE
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT244ASE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74LPT244ASE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PI74LPT244
3.3V 8-Bit Buffer /Line Driver
3
PS2058F
06/05/06
Notes:
1.
For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2.
Typical values are at VCC = 3.3V, +25°C ambient and maximum loading.
3.
Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4.
This parameter is guaranteed but not tested.
5.
VOH = VCC – 0.6V at rated current.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 2.7V to 3.6V)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage (Input
pins)
Guaranteed Logic HIGH Level
2.2
5.5
V
Input HIGH Voltage (I/O pins)
2.0
5.5
VIL
Input LOW Voltage
(Input and I/O pins)
Guaranteed Logic LOW Level
–0.5
0.8
IIH
Input HIGH Current
(Input pins)
VCC = Max.
VIN = 5.5V
±1
µA
Input HIGH Current (I/O pins) VCC = Max.
VIN = VCC
±1
IIL
Input LOW Current
(Input pins)
VCC = Max.
VIN = GND
±1
Input LOW Current (I/O pins) VCC = Max.
VIN = GND
±1
IOZH
High Impedance Output
Current
VCC = Max.
VOUT = 5.5V
±1
IOZL
(3-State Output pins)
VCC = Max.
VOUT = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL,
VO = 1.5V
–36
–60
–110
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL,
VO = 1.5V
50
90
200
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –0.1 mA
VCC-
0.2
V
IOH = –3 mA
2.4
3.0
VCC = 3.0V,
VIN = VIH or VIL
IOH = –8 mA
2.4(5)
3.0
IOH = –24 mA
2.0
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 0.1 mA
0.2
IOL = 16 mA
0.2
0.4
IOL = 24 mA
0.3
0.5
IOS
Short Circuit Current
VCC = Max., VOUT = GND
–60
–85
–240
mA
IOFF
Power Down Disable
VCC = 0V, VIN or VOUT ≤ 4.5V
±100
µA
VH
Input Hysteresis
150
mV
06-0181



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com