Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74LPT244ASE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74LPT244ASE
Description  Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74LPT244ASE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74LPT244ASE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74LPT244ASE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS2058F
06/05/06
PI74LPT244
Fast CMOS 3.3V 8-Bit
Buffer/Line Driver
Block Diagram
Pin Configuration
Description
Pericom Semiconductor’s PI74LPT244 is an 8-bit buffer/line
driver designed for driving high capacitive memory loads. With
itsbalanced-drivecharacteristics,thishigh-speed,lowpowerdevice
provideslowergroundbounce,transmissionlinematchingofsignals,
fewer line reflections and lower EMI and RFI effects. This makes
it ideal for driving on-board buses and transmission lines.
The PI74LPT244 can be driven from either 3.3V or 5.0V
devices allowing this device to be used as a translator in a mixed
3.3/5.0V system.
Features
• Compatible with LCX™ and LVT™ families of products
• Supports 5V Tolerant Mixed Signal Mode Operation
– Input can be 3V or 5V
– Output can be 3V or connected to 5V bus
• Advanced Low Power CMOS Operation
• Excellent output drive capability:
Balanced drives (24mA sink and source)
• Low ground bounce outputs
• Hysteresis on all inputs
• Industrial operating temperature range: –40°C to +85°C
• Packages (Pb-free & Green available):
– 20-pin 173-mil wide plastic TSSOP (L)
– 20-pin 150-mil wide plastic QSOP (Q)
– 20-pin 300-mil wide plastic SOIC (S)
– 20-pin 209-mil wide plastic SSOP (H)
OEA
DA0
OB0
DA1
OB1
DA2
OB2
DA3
OB3
GND
VCC
OEB
OA0
DB0
OA1
DB1
OA2
DB2
OA3
DB3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20-PIN
L20
Q20
S20
06-0181


Similar Part No. - PI74LPT244ASE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results

Similar Description - PI74LPT244ASE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT244 PERICOM-PI74LPT244 Datasheet
43Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT541 PERICOM-PI74LPT541 Datasheet
86Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX541 PERICOM-PI74LCX541 Datasheet
114Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LPT241 PERICOM-PI74LPT241 Datasheet
42Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74LPT240 PERICOM-PI74LPT240 Datasheet
231Kb / 4P
Fast CMOS 3.3V 8-Bit Inverting Buffer/Line Driver
PI74LCX244 PERICOM-PI74LCX244 Datasheet
69Kb / 4P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244 PERICOM-PI74FCT3244_06 Datasheet
734Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
PI74FCT3244QEX PERICOM-PI74FCT3244QEX Datasheet
721Kb / 7P
Fast CMOS 3.3V 8-Bit Buffer/Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com